전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • U.FL-R-SMT

  • AI
    ### Overview of U.FL-R-SMT The **U.FL-R-SMT** is a specific part number for an ultra-miniature surface-mount coaxial connector, originally designed by **Hirose Electric**. It is the standard connector used for high-frequency signals in compact electronic devices. --- ### Technical Specifications The "R-SMT" suffix indicates that this is the **Receptacle** (female socket) designed for **Surface Mount Technology** (soldering directly onto a PCB). | Characteristic | Specification | | :--- | :--- | | **Frequency Range** | DC to 6 GHz | | **Impedance** | 50 Ohms | | **V.S.W.R.** | 1.3 Max (up to 3GHz), 1.5 Max (3 to 6GHz) | | **Mated Height** | 1.9mm to 2.5mm (depending on the plug used) | | **Contact Resistance** | 20 mΩ Max (Center), 10 mΩ Max (Outer) | | **Durability** | 30 Mating Cycles | | **Mounting Area** | ~7.7 mm² (Approx. 3mm x 3mm) | --- ### Key Components & Materials The connector is constructed from high-quality materials to maintain signal integrity at gigahertz frequencies: 1. **Shell (Outer Contact):** Typically Phosphor bronze with Silver or Gold plating. This provides the ground connection and mechanical shielding. 2. **Insulator:** Made of high-temp plastic (like Liquid Crystal Polymer - LCP) to withstand reflow soldering temperatures. 3. **Center Contact:** Brass or Phosphor bronze with **Gold plating** to ensure low contact resistance and prevent oxidation. --- ### Applications Because of its tiny footprint, the U.FL-R-SMT is ubiquitous in modern wireless hardware: * **Wi-Fi & Bluetooth Modules:** Connecting internal PCB antennas to external antenna ports. * **GPS Receivers:** Routing satellite signals in handheld devices. * **IoT Devices:** Used in ESP32, Raspberry Pi Compute Modules, and LoRa gateways. * **Smartphones:** Connecting various internal RF sub-assemblies. --- ### Design Considerations for Engineers * **Soldering:** Since it is an SMT part, it requires precise solder paste application. Over-soldering can lead to "wicking," where solder enters the internal cavity and ruins the connection. * **Fragility:** U.FL connectors are rated for only about **30 mating cycles**. They are intended for internal assembly, not for consumer-facing ports that are plugged/unplugged daily. * **Extraction:** Always use a specialized U.FL extraction tool. Pulling on the cable by hand can easily rip the SMT pads off the PCB.
    ✨ Follow-up Questions
    • ⤷What is the difference between U.FL and MHF4 connectors?
    • ⤷ How do I properly solder a U.FL-R-SMT to a PCB?
    • ⤷ What are the common causes of signal loss in U.FL connections?