전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • U74LVC1G125L-AF5-R

  • AI
    The **U74LVC1G125L-AF5-R** is a high-performance, low-voltage CMOS device. Specifically, it is a **Single Bus Buffer Gate with a 3-State Output**. It is commonly used in modern electronics to control signal flow between components operating at different voltage levels. --- ### 1. General Specifications Below is a summary of the technical characteristics for this specific part: | Parameter | Specification | | :--- | :--- | | **Function** | Single Buffer / Line Driver | | **Logic Type** | 3-State (High Impedance mode) | | **Operating Voltage ($V_{CC}$)** | 1.65V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±24mA (at 3.0V) | | **Propagation Delay** | ~3.7ns (at 3.3V) | | **Package Type** | SOT-25 / SOT-23-5 (AF5) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Pin Configuration (SOT-23-5) The device typically follows this pinout structure to facilitate a single-channel signal path: 1. **OE (Output Enable):** Active Low. When LOW, the input is passed to the output. When HIGH, the output is in a high-impedance (Hi-Z) state. 2. **A (Input):** The data signal input. 3. **GND:** Ground. 4. **Y (Output):** The buffered data output. 5. **Vcc:** Power supply. --- ### 3. Key Features and Logic The "125" in the part number signifies its logic function. Unlike standard buffers, the **3-state output** allows multiple devices to share the same bus line without interference. **Truth Table:** | Input OE | Input A | Output Y | | :---: | :---: | :---: | | L | L | L | | L | H | H | | H | X | **Z (High Impedance)** | --- ### 4. Applications * **Voltage Translation:** Because it is 5V tolerant on inputs, it can be used to interface 5V logic down to 3.3V systems. * **Bus Isolation:** Used to disconnect parts of a circuit (like a sensor or a memory chip) from a shared data bus when not in use. * **Signal Boosting:** Driving signals over longer PCB traces where the original source has weak current capability. --- ### 5. Part Number Breakdown * **U74LVC:** Low Voltage CMOS technology family. * **1G:** Single Gate (one channel). * **125:** Function code (Bus Buffer with 3-state output). * **L:** Lead-free/RoHS compliant. * **AF5:** Package code (SOT-23-5 / SOT-25). * **R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 125 and 126 logic functions?
    • ⤷ Can this part be used for bidirectional level shifting?
    • ⤷ What are the power consumption characteristics in standby mode?