U74LVC1G14G-AF5-R
AI

The **U74LVC1G14G-AF5-R** is a high-performance, low-voltage CMOS Single Schmitt-Trigger Inverter manufactured by **Unisonic Technologies (UTC)**. It is essentially a functional equivalent to the industry-standard 74LVC1G14.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Function** | Inverter with Schmitt-Trigger Input |
| **Technology** | Low Voltage CMOS (LVC) |
| **Operating Voltage (Vcc)** | 1.65V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24mA (at 3.0V) |
| **Propagation Delay ($t_{pd}$)** | ~3.7ns (at 3.3V) |
| **Package Type** | SOT-25 (AF5) |
| **Operating Temperature** | -40°C to +85°C |
---
### ## Key Features
1. **Schmitt-Trigger Action:** The device transforms slowly changing input signals into sharply defined, jitter-free output signals. It has different input threshold levels for positive-going and negative-going signals (Hysteresis).
2. **I-off Protection:** Supports partial power-down mode operation. This prevents damaging current backflow through the device when it is powered down.
3. **High Output Drive:** Capable of driving 24mA at 3V, making it suitable for driving long PCB traces or multiple loads.
4. **Wide Voltage Range:** Compatible with 1.8V, 2.5V, 3.3V, and 5V logic systems.
---
### ## Pin Configuration (SOT-25)
The device typically follows the standard 5-pin layout:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | NC | No Connection |
| 2 | A | Data Input |
| 3 | GND | Ground |
| 4 | Y | Data Output |
| 5 | Vcc | Supply Voltage |
---
### ## Typical Applications
* **Noise Filtering:** Removing noise from slow-moving sensor signals.
* **Pulse Shaper:** Squaring up distorted or slow clock edges.
* **Oscillators:** Can be used with a resistor and capacitor to create a simple RC relaxation oscillator.
* **Level Shifting:** Interfacing between different voltage domains (e.g., translating a 3.3V signal to a 5V system).
---
### ## Code Representation: Truth Table
```markdown
| Input (A) | Output (Y) |
| :-------: | :--------: |
| L | H |
| H | L |
```
- ⤷
What is the significance of the 'G' and 'R' suffixes in this part number?
- ⤷ How does the hysteresis voltage affect signal noise immunity?
- ⤷ Can this component be used as a simple voltage level shifter?