U74LVC563L-P20-R
AI

The **U74LVC563L-P20-R** is a high-performance CMOS integrated circuit designed for low-voltage applications. It functions as an **Octal Transparent Datalatch** with 3-state outputs and inverted logic.
---
## 1. Technical Specifications
Below are the key electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | Octal Transparent Datalatch |
| **Output Type** | 3-State (Inverting) |
| **Supply Voltage ($V_{CC}$)** | 1.65V to 3.6V |
| **Operating Temperature** | -40°C to +85°C |
| **Drive Capability** | ±24 mA at 3.0V |
| **Package Type** | TSSOP-20 (indicated by P20) |
| **Logic Family** | LVC (Low Voltage CMOS) |
---
## 2. Pin Configuration & Functionality
The device contains eight D-type latches. When the Latch Enable (LE) is high, the outputs follow the (inverted) data at the inputs. When LE is low, the data is latched.
### Key Control Pins:
* **D0 - D7:** Data Inputs.
* **$\overline{Q0} - \overline{Q7}$:** Inverted Data Outputs.
* **LE (Latch Enable):** When High, the latch is "transparent." When Low, data is stored.
* **$\overline{OE}$ (Output Enable):** When Low, outputs are active. When High, outputs are in a high-impedance (Hi-Z) state.
---
## 3. Truth Table
The operation of the U74LVC563L is defined by the following logic states:
| Operating Mode | $\overline{OE}$ | LE | D | Output ($\overline{Q}$) |
| :--- | :---: | :---: | :---: | :---: |
| **Transparent** | L | H | L | H |
| **Transparent** | L | H | H | L |
| **Latched** | L | L | X | $Q_0$ (Previous State) |
| **High Impedance** | H | X | X | Z |
---
## 4. Key Features & Applications
### Features:
* **5V Tolerance:** Inputs can be driven by 5V devices even when operating at a lower $V_{CC}$.
* **Low Power Consumption:** Ideal for battery-operated handheld devices.
* **Bus Hold:** Often includes circuitry to hold the last known state, preventing floating inputs.
### Common Applications:
1. **Memory Address Latching:** Holding addresses for slow memory modules.
2. **I/O Expansion:** Increasing the number of output pins on a microcontroller.
3. **Bus Buffering:** Isolating different sections of a digital bus to prevent loading issues.
- ⤷
What are the main differences between the U74LVC563 and the U74LVC573?
- ⤷ How does the 'Inverting' output affect circuit design compared to non-inverting latches?
- ⤷ What is the maximum frequency this IC can handle at 3.3V?