AI

The **U74LVC574G-R20-R** is a high-performance CMOS octal edge-triggered D-type flip-flop with 3-state outputs. It belongs to the **LVC (Low Voltage CMOS)** family, which is designed for high-speed, low-voltage operation.
---
### ## Technical Specifications
Below are the primary parameters for the U74LVC574G-R20-R:
| Parameter | Specification |
|:---|:---|
| **Function** | Octal D-Type Flip-Flop (8-bit) |
| **Trigger Type** | Positive-Edge Triggered |
| **Output Type** | 3-State (Tri-state) |
| **Supply Voltage (Vcc)** | 1.65V to 3.6V |
| **Logic Level** | LVTTL / LVCMOS compatible |
| **Current Output** | ±24 mA at 3.0V |
| **Operating Temp** | -40°C to +125°C |
| **Package** | TSSOP-20 (Standard for "R20" suffix) |
---
### ## Pin Functionality
The device consists of eight edge-triggered D-type flip-flops. On the positive transition of the clock (CLK), the $Q$ outputs are set to the states of their corresponding $D$ inputs.
1. **OE (Output Enable):** When LOW, the outputs are active. When HIGH, the outputs are in a high-impedance state (Hi-Z), allowing multiple devices to share the same bus.
2. **CLK (Clock):** Data is latched on the **rising edge** of the clock signal.
3. **D0-D7:** Data input pins.
4. **Q0-Q7:** Data output pins.
---
### ## Key Features
* **5V Tolerance:** The inputs can handle up to 5.5V even when the supply voltage is 3.3V, making it an excellent **level shifter** between 5V and 3.3V systems.
* **Low Power Consumption:** Uses CMOS technology to minimize static power dissipation.
* **High Drive Capability:** Capable of driving heavy capacitive loads or low-impedance backplanes.
* **Ioff Circuitry:** Supports partial-power-down mode operation; the circuitry prevents damaging current backflow through the device when it is powered down.
---
### ## Application Circuit Example
In digital systems, this part is frequently used as an **Output Port** or **Buffer** for a microprocessor bus.
```c
// Logic Truth Table
// L = Low, H = High, Z = High Impedance, ↑ = Low-to-High Transition
[ OE ] [ CLK ] [ D ] | [ Q ]
---------------------------
L ↑ H | H
L ↑ L | L
L L or H X | Q0 (No Change)
H X X | Z
```
---
- ⤷
What is the difference between the LVC574 and the LVC374 series?
- ⤷ Can this component be used for voltage level translation from 5V to 3.3V?
- ⤷ What are the specific soldering profile requirements for the R20-R package?