전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • U7SH02G-AF5-R

  • AI
    ## Analysis of U7SH02G-AF5-R The **U7SH02G-AF5-R** is a high-speed CMOS 2-input NOR Gate. It is manufactured by UTC (Unisonic Technologies Co., Ltd) and is part of the "7SH" series, which is functionally equivalent to the 74VHC/74AHC logic families. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Logic Type** | 2-Input NOR Gate | | **Logic Family** | High-Speed CMOS (7SH) | | **Operating Voltage ($V_{CC}$)** | 2.0V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±8 mA at 5V | | **Package Type** | SOT-25 (also known as SOT-23-5) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Pin Configuration The device is housed in a 5-pin SOT-25 package. The pinout is standard for single-gate logic: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | IN B | Data Input B | | 2 | IN A | Data Input A | | 3 | GND | Ground (0V) | | 4 | OUT Y | Data Output | | 5 | $V_{CC}$ | Power Supply | --- ### 3. Logic Function A NOR gate outputs a "High" (1) signal only when **both** inputs are "Low" (0). **Truth Table:** | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | **H** | | L | H | **L** | | H | L | **L** | | H | H | **L** | --- ### 4. Key Electronic Characteristics * **High Speed:** Typically features a propagation delay ($t_{pd}$) of approximately 3.6ns at 5V, making it suitable for high-speed digital processing. * **Low Power Consumption:** As a CMOS device, it has very low static power dissipation (typically $1\mu A$ max). * **Overvoltage Tolerance:** The inputs are designed to tolerate voltages up to 7V regardless of the supply voltage, allowing the chip to be used as a down-translator (e.g., interfacing 5V logic to 3.3V logic). * **High Noise Immunity:** Designed to provide stable switching in noisy environments. --- ### 5. Application Use Cases * **Signal Inversion:** Can act as a simple inverter if one input is tied to Ground. * **Control Logic:** Used in mobile devices, peripherals, and industrial controllers to manage enable/disable signals. * **Level Shifting:** Due to input voltage tolerance, it can interface between different logic voltage domains.
    ✨ Follow-up Questions
    • ⤷ What is the maximum propagation delay for the U7SH02G at 3.3V?
    • ⤷ How does this UTC part compare to the SN74AHC1G02 from Texas Instruments?
    • ⤷ What is the meaning of the 'AF5-R' suffix in the part number?