전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UB209AL-AI-P08-R

  • AI
    The **UB209AL-AI-P08-R** is a specific integrated circuit, typically categorized as a **USB High-Speed (2.0) Hub Controller** or a related interface bridge, often manufactured by companies like UTC (Unisonic Technologies). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The device is designed to handle communication between a USB host and peripheral devices, ensuring high data integrity and low power consumption. | Feature | Description | | :--- | :--- | | **Main Function** | USB 2.0 Hub Controller / Interface Bridge | | **Package Type** | SOP-8 (Standard Outline Package, 8 pins) | | **Communication Speed** | High-Speed (480Mbps), Full-Speed (12Mbps) | | **Operating Voltage** | Typically 3.3V (with internal 5V to 3.3V regulator) | | **RoHS Status** | Lead-Free / Halogen-Free (indicated by "-R") | --- ### 2. Pin Configuration (P08 Package) The "P08" in the part number refers to the 8-pin package layout. While exact pinouts can vary by sub-revision, a standard configuration for this series involves: 1. **VDD/VCC**: Power supply input. 2. **GND**: System ground. 3. **D+ / D- (Upstream)**: Connection to the host (PC/Laptop). 4. **D+ / D- (Downstream)**: Connection to the peripheral device. 5. **XTAL/CLK**: External crystal or clock input for timing synchronization. 6. **RESET**: System reset pin. --- ### 3. Key Technical Features * **Integrated Regulator:** Most versions include an on-chip 5V to 3.3V LDO (Low Dropout Regulator), allowing the chip to be powered directly from the USB 5V rail. * **USB 2.0 Compliance:** Fully compliant with USB specification Rev 2.0. * **Plug and Play:** Supports hot-swapping and automatic device detection. * **Low Power Consumption:** Designed for "Green" electronic standards, featuring a power-down mode when the USB bus is suspended. --- ### 4. Part Number Decoder Understanding the suffix codes helps in identifying the exact physical and chemical properties: | Code | Meaning | | :--- | :--- | | **UB209AL** | Series identifier (USB Bridge/Hub family) | | **AI** | Internal revision/version code | | **P08** | Package type (SOP-8) | | **R** | Tape & Reel packaging (for automated PCB assembly) | --- ### 5. Common Applications This component is typically found in: * USB Hubs (Small form factor) * PC Motherboard headers * Docking stations * Embedded systems requiring USB connectivity expansion * USB to Serial/Parallel interface modules ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum voltage tolerances for the UB209AL-AI-P08-R?
    • ⤷ Can this chip support USB 3.0 speeds?
    • ⤷ What is the recommended crystal frequency for the clock input?