전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UBX-R5

  • AI
    The **u-blox UBX-R5** is a cellular chipset designed for long-range, low-power IoT applications. It is most commonly found in the **SARA-R5 series** of modules. Unlike previous generations that relied on third-party silicon, the UBX-R5 is u-blox's in-house proprietary chipset, focusing on security and LTE-M/NB-IoT connectivity. --- ### 1. Core Technical Specifications The UBX-R5 is built specifically for **LPWA (Low Power Wide Area)** networks. Its internal architecture is optimized for battery-operated devices that need to remain in the field for a decade or more. | Feature | Specification | | :--- | :--- | | **Technology** | LTE Cat M1 / NB1 / NB2 | | **Power Class** | 23 dBm (Standard) | | **Power Consumption** | < 1 µA in PSM (Power Saving Mode) | | **Security** | Hardware-based Root of Trust (RoT) | | **Positioning** | Integrated u-blox M8 GNSS receiver (selected variants) | | **Voltage Range** | 3.3V to 4.5V | --- ### 2. Key Electronic Components & Subsystems The chipset integrates several high-performance blocks into a single architecture: #### A. Baseband Processor The "brain" of the chip handles the LTE protocol stack. Because it was designed in-house, u-blox has optimized the software-hardware interface to reduce latency and power spikes during signal handovers. #### B. Integrated RF Transceiver The RF front-end is designed for global multi-band support. - **Frequency Support:** Covers all major LTE bands (1, 2, 3, 4, 5, 8, 12, 13, 18, 19, 20, 25, 26, 28, 66, 71, 85). - **Interface:** Connects to an external antenna through a 50 $\Omega$ pin. #### C. Secure Element (Root of Trust) One of the most unique electronic features of the UBX-R5 is the **EAL5+ High-level security** integration. This is a dedicated hardware area that stores cryptographic keys, preventing physical tampering or unauthorized firmware updates. #### D. Power Management Unit (PMU) The PMU is highly specialized for IoT duty cycles. It manages transitions between: 1. **Active Mode:** Data transmission/reception. 2. **eDRX:** Extended Discontinuous Reception (listening for "pings"). 3. **PSM:** Deep sleep where the module consumes almost zero current. --- ### 3. Physical Interfaces (I/O) To communicate with an external microcontroller (MCU) or sensors, the UBX-R5 provides several hardware interfaces: * **UART:** Dual UART interfaces for AT commands and data. * **USB:** Typically used for firmware updates and diagnostic logging. * **I2C / SPI:** Used for communicating with external peripherals like sensors or u-blox GNSS chips. * **GPIO:** Programmable pins for status LEDs, wake-up triggers, or antenna switching. --- ### 4. Implementation Diagram (Typical Module) ```mermaid graph LR A[Antenna] --> B(RF Front End) B --> C{UBX-R5 Chipset} C --> D[Baseband / CPU] C --> E[Secure Element] C --> F[PMU] D --- G[UART/USB to External MCU] ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the UBX-R5 and the UBX-R10?
    • ⤷ How does the integrated GNSS feature affect the power budget of the SARA-R5?
    • ⤷ Can the UBX-R5 be used for voice communication over LTE (VoLTE)?