UD05123L-AF5-R
AI

## Detailed Overview of UD05123L-AF5-R
The **UD05123L-AF5-R** is a specialized electronic component primarily used for power management and signal regulation. Based on standard naming conventions (typically associated with manufacturers like UTC - Unisonic Technologies), this part belongs to the **Low Dropout (LDO) Voltage Regulator** or **Voltage Detector** category.
---
### 1. General Specifications
Below are the typical technical parameters associated with this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | UD05123L-AF5-R |
| **Component Type** | CMOS Low Dropout Regulator / Voltage Detector |
| **Output Voltage** | 1.2V (indicated by '12') |
| **Package Type** | SOT-25 (indicated by 'AF5') |
| **Accuracy** | ±2% to ±3% |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Packing** | Tape & Reel (indicated by 'R') |
---
### 2. Part Number Breakdown
Understanding the suffix and prefix codes helps in identifying the exact variant:
* **UD**: Series prefix (Commonly UTC Voltage Detectors or Regulators).
* **05**: Often refers to a specific series design or maximum input voltage range.
* **12**: Represents the **Output Voltage** (1.2 Volts).
* **3**: Version or internal design code.
* **L**: Lead-free / Halogen-free (Environmentally friendly).
* **AF5**: Package code for **SOT-25** (5-pin Small Outline Transistor).
* **R**: Shipping format (Tape and **R**eel).
---
### 3. Key Features and Applications
#### Key Features:
* **Low Quiescent Current:** Designed to consume very little power during standby, extending battery life in portable devices.
* **High Stability:** Built-in output stabilization to handle fluctuations in input voltage.
* **Compact Footprint:** The SOT-25 package is ideal for space-constrained PCB designs.
#### Common Applications:
1. **Mobile Devices:** Powering microprocessors or sensors requiring a stable 1.2V rail.
2. **Wearable Electronics:** Fitness trackers and smartwatches.
3. **Battery Management:** Used as a reference voltage or for monitoring battery levels.
4. **Communication Equipment:** Low-noise power supply for RF modules.
---
### 4. Typical Pin Configuration (SOT-25)
While you should always consult the official datasheet, the standard pinout for this package type in regulator applications is usually:
```text
Pin 1: VIN (Input Voltage)
Pin 2: VSS (Ground)
Pin 3: CE / EN (Chip Enable / ON-OFF Control)
Pin 4: NC / ADJ (No Connection or Adjust pin)
Pin 5: VOUT (Output Voltage)
```
---
### 5. Equivalent/Alternative Components
If the UD05123L-AF5-R is unavailable, the following series often serve as functional equivalents (ensure pinout verification):
* **XC6206 Series** (Torex Semiconductor)
* **RT9193 Series** (Richtek)
* **LP3985 Series** (Texas Instruments)
- ⤷
Can you provide the maximum input voltage rating for this component?
- ⤷ What is the typical current limit (mA) for the UD05123L?
- ⤷ How does the 'CE' pin function in this specific SOT-25 package?