전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UDS-BD-R/E2

  • AI
    The **UDS-BD-R/E2** is a specialized diagnostic hardware tool, typically associated with automotive communication, specifically for vehicles utilizing the **UDS (Unified Diagnostic Services)** protocol over CAN or Ethernet interfaces. Below is an overview of its core electronic components and their functions. --- ### 1. Main Control Unit (MCU/FPGA) The heart of the device is responsible for protocol handling and timing synchronization. | Component Type | Function | | :--- | :--- | | **Microprocessor** | Handles the application layer and UDS stack (ISO 14229). | | **FPGA/CPLD** | Manages high-speed signal processing and real-time triggers for diagnostic requests. | | **Memory (RAM/Flash)** | Stores firmware, diagnostic scripts, and temporary data buffers for message logging. | ### 2. Communication Interfaces This section manages the physical connection between the tool and the vehicle's Electronic Control Units (ECUs). * **CAN Transceiver:** Converts digital signals from the MCU into differential signals used by the CAN bus (ISO 11898). Supports High-Speed CAN and CAN-FD. * **Ethernet PHY (DoIP):** For modern vehicles, the E2 variant often includes a Physical Layer chip to handle **Diagnostics over IP**. * **USB Interface:** Usually a USB-to-Serial or high-speed USB bridge for connecting the hardware to a PC for configuration. ### 3. Power Management System Ensures the device remains stable despite the noisy electrical environment of a vehicle. | Part | Purpose | | :--- | :--- | | **Voltage Regulator** | Steps down 12V/24V vehicle power to 3.3V or 5V for internal circuits. | | **TVS Diodes** | Provides Transient Voltage Suppression to protect against load dumps and static. | | **Opto-Isolators** | (Optional) Galvanically isolates the PC side from the vehicle side to prevent ground loops. | ### 4. Signal Indicators and Connectors * **OBD-II / DB9 Connector:** The physical port used to hook into the vehicle's wiring harness. * **LED Status Indicators:** Visual feedback for "Power," "Data Transmission (TX/RX)," and "Error" states. * **Termination Resistors:** Internal 120-ohm resistors that can be toggled to ensure bus impedance matching. --- ### Typical Signal Flow 1. **Input:** The PC sends a UDS command (e.g., `0x22` Read Data by Identifier) via **USB**. 2. **Processing:** The **MCU** packages this into a CAN frame. 3. **Transmission:** The **CAN Transceiver** sends the bits onto the vehicle bus. 4. **Reception:** The device listens for the ECU's response, verifies the checksum, and passes the data back to the user interface.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the BD-R and E2 hardware variants?
    • ⤷ Does this hardware support CAN-FD or only standard High-Speed CAN?
    • ⤷ What software environment is typically used to interface with the UDS-BD-R/E2?