전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UDS-C4-R/E

  • AI
    The **UDS-C4-R/E** is a specific electronic component configuration typically associated with **UDS (Universal Digital System)** series power supplies or industrial control modules. Based on standard industrial electronics nomenclature, this model represents a 4-channel control unit designed for rail mounting. --- ### ## Technical Specifications Breakdown | Component Attribute | Specification Details | | :--- | :--- | | **Input Voltage** | Typically 24V DC (Industrial Standard) | | **Channels** | 4 Independent Output Channels | | **Suffix "R"** | Relay Output (Electromechanical) | | **Suffix "E"** | Ethernet/Electronic Interface (Modbus TCP/IP support) | | **Mounting Type** | DIN Rail (Standard TS35) | | **Isolation** | Opto-coupler galvanic isolation between logic and power | --- ### ## Key Electronic Subsystems The internal architecture of the UDS-C4-R/E consists of several critical stages: #### 1. Power Regulation Stage The module features a **DC-DC Converter** circuit that steps down or stabilizes the incoming 24V supply to 5V or 3.3V to power the onboard Microcontroller (MCU) and communication ICs. It usually includes: * Reverse polarity protection (Diodes). * Surge protection (TVS Diodes). #### 2. Control Logic (MCU) The "brain" of the device is a 32-bit microcontroller that handles: * Processing incoming Ethernet packets (for the 'E' variant). * Timing logic for relay switching. * Status LED indications. #### 3. Output Stage (Relays/Drivers) In the **-R** configuration, the device utilizes **Electromechanical Relays**. * **Coil Side:** Driven by a transistor or a Darlington array (like the ULN2003). * **Contact Side:** Usually rated for 250V AC / 30V DC at 5A to 10A. * **Flyback Diodes:** Included to protect the circuitry from inductive spikes when the relay coil de-energizes. #### 4. Communication Interface The **-E** designation points to the integration of an **Ethernet Controller** (Phys layer). This allows the device to: * Communicate via **Modbus TCP**. * Integrate with PLC (Programmable Logic Controllers) or SCADA systems. --- ### ## Wiring Logic Example To interface with the UDS-C4-R/E, the typical wiring scheme follows this logic: ```c // Conceptual Logic for Controlling a Channel via Ethernet if (received_command == CHANNEL_1_ON) { digitalWrite(RELAY_PIN_1, HIGH); // Activates the internal transistor // Current flows through relay coil -> Magnetic field closes contacts } ``` --- ### ## Applications * **Building Automation:** Controlling lighting or HVAC shutters. * **Industrial IoT:** Remote resetting of servers or industrial equipment. * **Energy Management:** Switching loads based on peak-time data received via Ethernet.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the relay contacts on the UDS-C4-R/E?
    • ⤷ Does this module support PoE (Power over Ethernet) or require external 24V?
    • ⤷ How do I configure the IP address for the Ethernet interface?