전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UF3JB

  • AI
    ## UF3JB Electronic Component Overview The **UF3JB** is a high-efficiency, surface-mount **Ultra-Fast Recovery Rectifier**. It is commonly used in power supplies, inverters, and freezers to convert alternating current (AC) to direct current (DC) with minimal energy loss during the switching process. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Part Number** | UF3JB | Ultra-Fast Recovery Rectifier | | **Package Type** | SMB (DO-214AA) | Surface Mount Device (SMD) | | **Max. Recurrent Peak Reverse Voltage** | 600V | The maximum voltage it can block in reverse. | | **Max. Average Forward Current** | 3.0A | The maximum continuous current it can handle. | | **Max. Reverse Recovery Time ($t_{rr}$)** | 50ns - 75ns | How fast it switches from "on" to "off". | | **Max. Forward Voltage Drop ($V_f$)** | ~1.7V | The voltage lost when current passes through. | | **Operating Temperature** | -55°C to +150°C | Thermal range for stable operation. | --- ### 2. Core Features * **Ultra-Fast Switching:** With a recovery time ($t_{rr}$) typically under 75 nanoseconds, it minimizes switching losses in high-frequency circuits. * **High Surge Capability:** It can handle high instantaneous currents (often up to 100A for a short pulse) without failing. * **Glass Passivated Junction:** The internal silicon chip is coated with glass to ensure stability and protection against moisture and contaminants. * **Low Profile Package:** The SMB package is ideal for automated assembly on space-constrained Printed Circuit Boards (PCBs). --- ### 3. Pinout and Identification The UF3JB is a **diode**, meaning it is a polarized component with two terminals: 1. **Anode (+):** Current enters here. 2. **Cathode (-):** Current exits here. * *Visual ID:* The cathode is marked by a **color band** on one end of the component body. --- ### 4. Common Applications * **Switching Mode Power Supplies (SMPS):** Used for rectification in the output stage. * **DC-DC Converters:** Acts as a freewheeling diode to protect transistors. * **Inverters:** Manages high-speed switching in solar or motor drive systems. * **Polarity Protection:** Prevents damage if a battery or power source is connected backward. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a standard rectifier and an ultra-fast rectifier like the UF3JB?
    • ⤷ Can the UF3JB be replaced by a UF3JB-T or a GS3J diode?
    • ⤷ How does the forward voltage drop of the UF3JB affect circuit efficiency?