전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UL66XG-06-AF5-R

  • AI
    The **UL66XG-06-AF5-R** is a specific electronic component, typically associated with specialized power management or signal interface integrated circuits (ICs). Based on standard naming conventions from manufacturers like UTC (Unisonic Technologies), this part is generally a **Low Dropout (LDO) Linear Regulator** or a similar power distribution switch. --- ### 1. Part Number Breakdown Understanding the suffix codes helps identify the physical and electrical characteristics of the component: | Component Segment | Description | | :--- | :--- | | **UL66XG** | Series Identifier (High Accuracy LDO / Power Switch) | | **06** | Voltage Output (e.g., 0.6V or a specific version code) | | **AF5** | Package Type (Typically **SOT-25** / SOT-23-5) | | **R** | Packing Code (Tape & Reel) | --- ### 2. Key Technical Specifications While exact parameters can vary by manufacturer, parts in this series generally follow these specifications: * **Input Voltage Range:** Usually supports low-voltage rails (1.8V to 5.5V). * **Output Current:** Capable of delivering between 300mA to 600mA depending on the thermal environment. * **Low Dropout Voltage:** Designed to maintain regulation even when the input voltage is very close to the output voltage. * **Quiescent Current:** Optimized for low power consumption, making it suitable for battery-powered devices. * **Protection Features:** * Thermal Shutdown (OTP) * Short Circuit Protection (SCP) * Over-Current Protection (OCP) --- ### 3. Pin Configuration (SOT-25) Standard pinout for the AF5 (SOT-25) package in this series: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **EN / CE** | Enable / Chip Enable (High = On) | | 4 | **NC / BP** | No Connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Common Applications Due to its small footprint and efficiency, the UL66XG series is commonly used in: 1. **Mobile Devices:** Smartphones and tablets for sub-rail regulation. 2. **Portable Electronics:** Digital cameras and Bluetooth headsets. 3. **Post-Regulation:** Cleaning up noise from Switching Mode Power Supplies (SMPS). 4. **Reference Voltage:** Providing a stable 0.6V reference for sensor circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the UL66XG-06-AF5-R?
    • ⤷ Can you provide a circuit diagram for a standard LDO application?
    • ⤷ What are the thermal resistance values for the SOT-25 package?