ULV5E-R005-KB
AI

## Analysis of the ULV5E-R005-KB
The **ULV5E-R005-KB** is a high-precision, low-resistance current sensing resistor, typically manufactured by **Isabellenhütte** (a leader in precision shunt technology). This component is designed for power electronics where accurate current measurement and high stability are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | Ultra-low resistance to minimize power loss. |
| **Tolerance** | $\pm 0.1\%$ (K-Class) | Extremely high precision for measurement. |
| **Power Rating** | 5 Watts | Capability to handle significant current. |
| **Temperature Coefficient** | < 20 ppm/K | Minimal drift during temperature changes. |
| **Mounting Type** | Through-hole | Designed for robust PCB mounting. |
| **Construction** | Manganin / Metal Element | Solid metal alloy for superior stability. |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific logic (standard for Isabellenhütte ULV series):
* **ULV**: Series name (Ultra-Low Value/Precision).
* **5E**: Refers to the power rating (5 Watts).
* **R005**: The resistance value, where 'R' acts as a decimal point (0.005 Ohms).
* **K**: Tolerance code (typically $\pm 10\%$ in standard parts, but in precision series like this, it often refers to a specific calibration class or $\pm 0.1\%$ to $\pm 10\%$ depending on the datasheet revision).
* **B**: Packaging code (Bulk).
---
### 3. Functional Importance
This part is essentially a **Shunt Resistor**. In a circuit, it is placed in series with the load. By measuring the voltage drop across this 5 m$\Omega$ resistor ($V = I \times R$), a controller can determine the exact current flowing through the system.
#### Critical Features:
1. **Low Inductance:** Its physical construction ensures that high-frequency switching noise does not interfere with the voltage reading.
2. **Thermal Stability:** Because it is made of Manganin, the resistance does not change significantly as the resistor heats up due to current flow.
3. **Four-Terminal Capability:** Many ULV series resistors support Kelvin sensing (4-lead connection) to eliminate the resistance of the lead wires from the measurement.
---
### 4. Typical Applications
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in EVs or energy storage.
* **Motor Control:** Precise current feedback for industrial motor drives.
* **Power Supplies:** Overcurrent protection and regulation in high-wattage DC-DC converters.
* **Automotive Electronics:** Used in electronic power steering and braking systems.
- ⤷
What is the maximum current this resistor can handle based on its 5W rating?
- ⤷ How does Kelvin sensing (4-wire) improve the accuracy of this 5mOhm resistor?
- ⤷ Are there surface-mount (SMD) alternatives to the ULV5E series?