전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ULW2091G-SH2-R

  • AI
    ### Technical Overview of ULW2091G-SH2-R The **ULW2091G-SH2-R** is a specific electronic component, typically categorized as a **Low Dropout (LDO) Linear Regulator** or a Power Management Integrated Circuit (PMIC), often manufactured by UTC (Unisonic Technologies). These components are designed to provide a stable, regulated output voltage from a higher or fluctuating input voltage with minimal voltage loss. --- ### Key Technical Specifications | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | CMOS Low Dropout Regulator (LDO) | | **Output Voltage** | Often fixed (e.g., 1.8V, 2.5V, 3.3V) or Adjustable | | **Output Current** | Typically ranges from 150mA to 300mA (model dependent) | | **Package Type** | SOT-26 or SOT-23-5 (SH2 suffix usually denotes package) | | **Accuracy** | ±2% Output Voltage Accuracy | | **Protection Features** | Short Circuit Protection, Thermal Shutdown | --- ### Internal Functional Blocks To understand the "electronic parts" inside the IC, we look at its functional architecture: 1. **Voltage Reference:** A stable bandgap reference that serves as the benchmark for the output voltage. 2. **Error Amplifier:** Compares the reference voltage with the feedback from the output to adjust the pass element. 3. **Pass Element (P-Channel MOSFET):** The main "valve" that controls current flow from input to output. Being a CMOS-based LDO, it offers very low ground current. 4. **Feedback Resistor Network:** Internal resistors that set the specific output voltage level. 5. **Enable (EN) Circuitry:** Logic that allows the chip to enter a low-power shutdown mode when not in use. --- ### Pin Configuration (SOT-26 Example) | Pin Number | Name | Description | |:---:|:---|:---| | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **EN** | Enable Pin (High = On, Low = Off) | | 4 | **NC / BYP** | No connection or Bypass Capacitor for noise reduction | | 5 | **VOUT** | Regulated Output Voltage | --- ### Application Circuit Example Below is a typical implementation using external capacitors to ensure stability: ```c [Input Voltage] ----[ C1: 1uF ]----( VIN ) ( )----( VOUT )----[ C2: 1uF ]---- [Load] [Enable Signal] -------------------( EN ) ( GND ) | [Ground] ``` --- ### Summary of Benefits * **Low Quiescent Current:** Extends battery life in portable electronics. * **High PSRR:** Excellent at filtering out ripple/noise from the input power supply. * **Compact Footprint:** The SH2 (SOT-26) package is ideal for space-constrained PCB designs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the ULW2091G series?
    • ⤷ How does the 'G' suffix impact the environmental compliance of this part?
    • ⤷ Can this LDO be used for high-frequency RF applications?