전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UPC1663G

  • AI
    ## Overview of the uPC1663G The **uPC1663G** is a high-performance differential amplifier IC (Integrated Circuit) manufactured by Renesas Electronics (formerly NEC). It is primarily designed for high-frequency signal processing, specifically serving as a wideband video amplifier. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the uPC1663G: | Parameter | Specification | | :--- | :--- | | **Circuit Type** | Differential Input / Differential Output | | **Bandwidth (–3 dB)** | 120 MHz (Typical) | | **Voltage Gain** | ~38 dB (at 100 kHz) | | **Supply Voltage ($V_{CC}$)** | $\pm$6.0 V (Max) | | **Power Dissipation** | 330 mW | | **Package Type** | 8-pin SOP (Small Outline Package) | --- ### 2. Functional Description The uPC1663G functions as a specialized operational amplifier optimized for speed and differential integrity. * **Wideband Performance:** With a 120 MHz bandwidth, it can handle high-speed data pulses and high-resolution video signals without significant distortion. * **Gain Control:** It includes terminals for external gain adjustment, allowing users to fine-tune the amplification using an external resistor or capacitor. * **Differential Architecture:** The differential input/output structure provides high common-mode rejection, making it excellent at filtering out electromagnetic interference (EMI). --- ### 3. Pin Configuration (8-Pin SOP) Below is a representation of the pinout functions for the uPC1663G: | Pin No. | Symbol | Function | | :--- | :--- | :--- | | 1 | IN1 | Non-inverting Input | | 2 | IN2 | Inverting Input | | 3 | GAIN1 | Gain Adjustment Terminal 1 | | 4 | GAIN2 | Gain Adjustment Terminal 2 | | 5 | $V_{EE}$ | Negative Power Supply | | 6 | OUT2 | Inverting Output | | 7 | OUT1 | Non-inverting Output | | 8 | $V_{CC}$ | Positive Power Supply | --- ### 4. Typical Applications The electronic properties of the uPC1663G make it ideal for the following use cases: 1. **Magnetic Disk Drives:** Used as a pre-amplifier for read-head signals (MR heads). 2. **Video Equipment:** Amplifying RGB signals or composite video signals in high-end displays. 3. **Communication Systems:** Acting as a buffer or differential line driver for high-speed data transmission. 4. **Instrumentation:** Preamplifiers for high-frequency sensors. --- ### 5. Application Circuit Example (Simplified) To set the gain, a resistor ($R_G$) is usually connected between Pin 3 and Pin 4. ```text [Input +] ----( Pin 1 ) ( Pin 8 )---- [+5V] [Input -] ----( Pin 2 ) ( Pin 7 )---- [Output +] ( Pin 3 )--[Rg]--( Pin 6 )---- [Output -] ( Pin 4 ) ( Pin 5 )---- [-5V] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum supply voltage recommended for stable operation of the uPC1663G?
    • ⤷ How do you calculate the gain based on the external resistor connected to pins 3 and 4?
    • ⤷ Are there any modern surface-mount equivalents to the uPC1663G for newer designs?