전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UPD6308G-R

  • AI
    The **UPD6308G-R** (often written as $\mu$PD6308G-R) is a specialized CMOS integrated circuit manufactured by Renesas (formerly NEC). It is primarily designed as a **4-channel BTL (Bridge-Tied Load) Driver**, commonly used in optical disc players (CD/DVD) to control actuators and motors. --- ## 1. Technical Specifications The device is designed to drive the mechanical components of a disc drive, such as the focus coil, tracking coil, spindle motor, and sled motor. | Parameter | Specification | | :--- | :--- | | **Type** | 4-Channel BTL Driver | | **Technology** | CMOS / Bi-CMOS | | **Supply Voltage ($V_{CC}$)** | 4.5V to 13.2V | | **Output Current** | ~0.5A to 1.0A (per channel) | | **Package Type** | 28-pin SSOP (Shrink Small Outline Package) | | **Control Interface** | Analog input pins for each channel | --- ## 2. Key Functional Features * **BTL (Bridge-Tied Load) Output:** This configuration allows the chip to provide double the voltage swing to the load compared to a single-ended output, which is essential for rapid movement of the laser lens. * **Built-in Operational Amplifiers:** Each channel typically includes an integrated op-amp to handle input signal conditioning. * **Muting Function:** Includes a "Mute" pin that allows the system to disable all outputs simultaneously, protecting the hardware during power-up or disc errors. * **Thermal Shutdown:** Integrated protection circuits that disable the chip if it exceeds safe operating temperatures. * **Low Current Consumption:** Being a CMOS-based part, it maintains high efficiency with low quiescent current. --- ## 3. Pinout and Internal Architecture While specific pin numbers depend on the package revision, the internal structure generally follows this logic: 1. **Input Section:** Receives low-power signals from the Servo Controller DSP. 2. **Level Shifter:** Converts logic-level signals to the higher voltage required for the motor supply. 3. **Power Stage:** The H-Bridge (BTL) output stage that delivers current to the coils. 4. **VREF Pin:** A reference voltage input used to set the center point for the analog inputs. --- ## 4. Common Applications The UPD6308G-R is found in the "Driver Stage" of the following devices: * **Portable CD Players:** Where low power consumption is critical. * **Car Audio Systems:** Due to its robust voltage range (up to 13.2V). * **DVD/Blu-ray Players:** Controlling the precise movements of the optical pickup unit (OPU). --- ## 5. Typical Circuit Connection (Simplified) ```cpp // Logic Flow Representation [Servo DSP] ----> [UPD6308G Input] ----> [Internal BTL Driver] ----> [Focus/Tracking Coil] | [Mute Signal] ```
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of a UPD6308G-R in a CD player?
    • ⤷ Can you provide the pin configuration for the 28-pin SSOP package?
    • ⤷ What are the recommended heat dissipation techniques for BTL drivers?