전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UR7512L-AF5-R

  • AI
    The **UR7512L-AF5-R** is a high-performance, low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is specifically designed for applications requiring high stability and low noise output. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Output Type** | Fixed | | **Output Voltage** | 1.2V | | **Input Voltage Range** | Up to 6V | | **Output Current** | 500mA (Continuous) | | **Dropout Voltage** | Typically 0.2V @ 500mA | | **Package Type** | SOT-25 / SOT-23-5 | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific variant: * **UR7512L**: The base model series. "12" denotes the **1.2V** fixed output. * **L**: Represents "Lead-free" (RoHS compliant). * **AF5**: Refers to the **SOT-25** (SOT-23-5) package style. * **R**: Indicates the packaging format, usually **Tape & Reel**. --- ### 3. Pin Configuration The device typically follows a standard 5-pin layout for LDOs: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Supply Input Voltage | | 2 | **GND** | Ground | | 3 | **EN / CE** | Enable / Chip Enable (High = On, Low = Off) | | 4 | **NC / BYP** | No connection or Bypass Capacitor (for noise reduction) | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Application Areas Due to its low dropout and steady output, it is commonly used in: * **Battery-Powered Equipment**: Maximizes battery life due to low quiescent current. * **Communication Devices**: Providing clean power to RF modules. * **Microcontrollers**: Supplying stable 1.2V core voltage for modern low-power MCUs and FPGAs. * **Portable Electronics**: Tablets, smartphones, and handheld sensors. --- ### 5. Circuit Implementation When designing with the UR7512L, it is recommended to use Ceramic Capacitors ($C_{IN}$ and $C_{OUT}$) to ensure stability and improve transient response. ```c // Typical Connection Schematic [Input 5V] ----+----[VIN] [VOUT]----+---- [Output 1.2V] | | [C_in] [C_out] | | [GND] ---------+----------[GND]----------+----- [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOT-25 package?
    • ⤷ Does this LDO require a specific ESR range for the output capacitor?
    • ⤷ Are there adjustable versions of the UR75 series available?