US107BHG-AF5-R
AI

The **US107BHG-AF5-R** is a specific electronic component, typically classified as a **High-Precision, Low-Noise Hall Effect Sensor IC**. It is designed for applications requiring high sensitivity and stability in magnetic field detection.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Hall Effect Sensor (Unipolar/Omnipolar) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5 designation) |
| **Supply Voltage (Vcc)** | Typically 2.4V to 5.5V |
| **Magnetic Sensitivity** | High Sensitivity (G-level detection) |
| **Output Type** | Open-Drain / CMOS Output |
| **Operating Temperature** | -40°C to +85°C (Standard Industrial) |
---
### 2. Detailed Part Number Breakdown
While naming conventions vary slightly by manufacturer (often UTC - Unisonic Technologies), the suffix usually indicates:
* **US107B**: The core series identifier for the Hall Effect switch.
* **HG**: High-grade sensitivity or specific magnetic threshold range.
* **AF5**: Refers to the physical package, most commonly the **SOT-25** (5-pin Small Outline Transistor).
* **R**: Indicates **Tape & Reel** packaging for automated SMT assembly.
---
### 3. Functional Features
* **Internal Compensation:** Includes on-chip temperature compensation to maintain magnetic switch point stability across a wide temperature range.
* **Low Power Consumption:** Optimized for battery-operated handheld devices.
* **Solid State Reliability:** No moving parts, ensuring a much longer lifespan compared to mechanical reed switches.
* **Chopper Stabilized:** Often utilizes a chopper-stabilization technique to minimize offset voltage caused by mechanical stress or thermal drift.
---
### 4. Common Applications
1. **Consumer Electronics:** Laptop lid sensors (sleep/wake function), mobile phone flip covers.
2. **Industrial:** Proximity switching, speed detection in small motors, and liquid level sensing.
3. **Appliances:** Door position sensing in refrigerators or washing machines.
4. **Automotive:** Seatbelt buckle detection or window position sensing (non-safety critical).
---
### 5. Typical Application Circuit
```c
// Schematic Representation
[ VCC ] ---- [ 0.1uF Cap ] ---- GND
|
+---- [ Pin 1: VDD ]
+---- [ Pull-up Resistor (10k) ] ----+---- [ Pin 3: OUT ] --> MCU Pin
|
[ Pin 2: GND ]
```
- ⤷What are the specific magnetic operate (Bop) and release (Brp) points for this HG grade?
- ⤷ How does the SOT-25 pinout differ from a standard SOT-23 Hall sensor?
- ⤷ Is this part compatible with automotive-grade AEC-Q100 standards?