US203AHG-AF5-R
AI

The **US203AHG-AF5-R** is a specific electronic component, typically classified as a **High-Side Power Switch** or a **Load Switch**, often used in USB power distribution and power management applications.
Below is a detailed breakdown of its specifications, pin configuration, and technical features.
---
### 1. General Specifications
The part is manufactured by companies like **UTC (Unisonic Technologies)**. It is designed to provide protection and controlled switching for power rails.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Single Channel High-Side Power Switch |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Input Voltage Range** | 2.7V to 5.5V |
| **Continuous Current** | ~1.5A to 2.0A (Typical) |
| **On-Resistance ($R_{DS(ON)}$)** | Low resistance (Approx. 70-100mΩ) |
| **Enable Logic** | Active High or Active Low (Depending on specific suffix) |
| **Protection Features** | Over-current, Short-circuit, Over-temperature |
---
### 2. Pin Configuration (SOT-25)
Standard configuration for the AF5 (SOT-25) package:
| Pin Number | Pin Name | Description |
| :--- | :--- | :--- |
| 1 | **GND** | Ground |
| 2 | **VIN** | Input Voltage Supply |
| 3 | **EN** | Enable Input (Controls the switch) |
| 4 | **FLG** | Fault Flag (Open-drain output, indicates over-current/thermal) |
| 5 | **VOUT** | Output Voltage |
---
### 3. Key Technical Features
* **Current Limiting:** The device includes an internal current-limiting circuit that prevents the power supply from crashing when a heavy load or short circuit is applied to the output.
* **Thermal Shutdown:** If the internal junction temperature exceeds a threshold (usually around 150°C), the switch automatically turns off to prevent permanent damage.
* **Soft Start:** It features a controlled "rise time" to prevent large inrush currents that could cause voltage dips on the main power bus.
* **Fault Flag (FLG):** This pin goes "Low" when a fault condition (over-current or over-temperature) is detected, allowing a microcontroller to react to the error.
---
### 4. Typical Applications
This part is commonly found in:
* **USB Ports:** Protecting PC motherboards or laptops from faulty USB peripherals.
* **Hot-Swap Supplies:** Used in systems where modules are plugged in while power is active.
* **Battery Chargers:** Acting as a safety disconnect switch.
---
- ⤷
What is the difference between the US203AHG and the US203BHG variants?
- ⤷ How do I calculate the pull-up resistor value for the FLG pin?
- ⤷ Can this component be used for 12V power rails?