전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • US203ALG-AF5-R

  • AI
    The **US203ALG-AF5-R** is a specific integrated circuit manufactured by **UTC (Unisonic Technologies)**. It belongs to a family of low-voltage, high-performance linear regulators or power management components, typically housed in a small surface-mount package. --- ## 1. Technical Specifications The part is primarily an **adjustable low-dropout (LDO) linear regulator** designed for applications requiring high efficiency in a compact footprint. | Parameter | Specification | | :--- | :--- | | **Part Number** | US203ALG-AF5-R | | **Manufacturer** | UTC (Unisonic Technologies) | | **Package Type** | SOT-25 / SOT-23-5 | | **Output Voltage** | Adjustable (ADJ) | | **Input Voltage Range** | Typically 2.5V to 6V | | **Max Output Current** | ~300mA to 500mA (Series dependent) | | **Features** | Thermal Shutdown, Current Limit, Low Quiescent Current | --- ## 2. Part Number Breakdown The suffixing in UTC part numbers provides specific details about the physical and chemical properties of the component: * **US203A**: The base model/series identifier (LDO Regulator). * **L**: Lead-free and Halogen-free (Green). * **G**: Halogen-free (Alternative marking for environmental compliance). * **AF5**: Refers to the **SOT-25** package (also known as SOT-23-5). * **R**: Tape and Reel packaging (standard for automated SMT assembly). --- ## 3. Typical Pin Configuration (SOT-25) Standard configuration for this series usually follows this layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VIN** | Supply Input | | 2 | **GND** | Ground | | 3 | **EN / SHDN** | Enable (Active High) / Shutdown | | 4 | **ADJ / BYP** | Feedback pin for adjusting voltage / Bypass capacitor | | 5 | **VOUT** | Regulated Output | --- ## 4. Key Applications Because of its small size and low dropout voltage, it is commonly found in: 1. **Mobile Devices:** Cell phones and tablets. 2. **Portable Electronics:** MP3 players, cameras, and GPS units. 3. **Battery Powered Systems:** Where efficiency and low standby current are critical. 4. **Reference Voltage:** Providing a stable voltage for microcontrollers or ADCs. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOT-25 package used in this part?
    • ⤷ How do you calculate the resistor values for the ADJ pin to set a specific output voltage?
    • ⤷ What are the equivalent alternative parts from other manufacturers like TI or Onsemi?