전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • US203CHG-AF5-R

  • AI
    The **US203CHG-AF5-R** is a specific integrated circuit (IC) manufactured by **UTC (Unisonic Technologies)**. It is primarily designed as a high-performance **USB Charging Port Controller** with integrated power distribution switches. --- ## 1. Core Technical Specifications The device is optimized for power management in USB ports, ensuring that connected devices receive the correct charging profile. | Feature | Specification | | :--- | :--- | | **Function** | USB Charging Port Controller & Power Switch | | **Package Type** | SOT-25 / SOT-23-5 (indicated by "AF5") | | **Input Voltage Range** | 4.5V to 5.5V | | **Current Limit** | Typically fixed (approx. 2.0A - 2.5A) | | **Charging Support** | BC1.2, Apple (2.4A), Samsung | | **Status** | Active / RoHS Compliant | --- ## 2. Key Internal Components The IC integrates several electronic subsystems to protect the host device and the connected peripheral: ### A. Power Switch (MOSFET) The internal N-Channel MOSFET acts as the gatekeeper for the 5V power line (VBUS). It has a low "ON" resistance (RDS(on)) to minimize heat generation and voltage drop during high-current charging. ### B. Intelligent Auto-Detection This is the "brain" of the chip. It monitors the data lines (**D+** and **D-**). Depending on the device plugged in (iPhone, Android, Tablet), it emulates the necessary signaling to tell the device it is safe to pull high current (Fast Charging). ### C. Protection Circuitry The IC includes robust safety features to prevent hardware failure: * **Over-Current Protection (OCP):** Limits current if a short circuit occurs. * **Thermal Shutdown:** Turns off the chip if it exceeds safe operating temperatures. * **Under-Voltage Lockout (UVLO):** Ensures the chip doesn't operate if the input voltage is too low/unstable. --- ## 3. Part Number Breakdown Understanding the suffix helps in sourcing and PCB design: * **US203CHG**: The base series (USB Charging Controller). * **AF5**: Refers to the **SOT-25** (5-pin) package style. * **R**: Indicates the packing method (Tape & Reel). --- ## 4. Typical Application Circuit In a standard design, the pins are utilized as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply (5V) | | 2 | **GND** | Ground | | 3 | **OUT** | Power Output to USB VBUS | | 4 | **DP** | Data Plus (D+) for device detection | | 5 | **DM** | Data Minus (D-) for device detection | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum output current for the US203CHG-AF5-R?
    • ⤷ How does the auto-detection feature differentiate between Apple and Android devices?
    • ⤷ What are the common thermal management practices for SOT-25 power ICs?