전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • US203CHL-AF5-R

  • AI
    The **US203CHL-AF5-R** is a specific electronic component typically manufactured by **UTC (Unisonic Technologies Co.)**. It belongs to the family of **low-dropout (LDO) linear regulators** or specialized power management ICs. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Part Number** | US203CHL-AF5-R | | **Manufacturer** | UTC (Unisonic Technologies) | | **Package Type** | SOT-25 / SOT-23-5 | | **Function** | Power Management / Voltage Regulation | | **Mounting Type** | Surface Mount (SMD) | | **Packing Type** | Tape & Reel (indicated by the "-R" suffix) | ### 2. Part Number Breakdown (Nomenclature) To understand the specific traits of this part, we can decode the suffix: * **US203C**: The base model series (commonly a high-side power switch or LDO). * **H**: Often indicates high performance or specific voltage tolerance. * **L**: Lead-free/Halogen-free (Green product). * **AF5**: Refers to the physical package style (SOT-25). * **R**: Tape and Reel packaging. ### 3. Key Technical Features Based on the standard US203 series architecture, these parts usually offer: 1. **Low On-Resistance:** Designed to minimize power dissipation. 2. **Protection Circuits:** * **Over-Current Protection:** Limits current to prevent damage during a short circuit. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds a safe threshold (usually around 150°C). * **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is within a functional range. 3. **Soft Start:** Reduces inrush current during startup to protect the source supply. --- ### 4. Typical Pin Configuration (SOT-25) *Standard SOT-25 layouts for these regulators usually follow this pattern:* | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **EN / ON** | Enable pin (Logic high to turn on) | | 4 | **NC / FLAG** | No Connect or Error Flag (indicates fault) | | 5 | **VOUT** | Regulated Output Voltage | --- ### 5. Common Applications * **USB Power Distribution:** Managing power for USB ports in laptops or hubs. * **Battery Powered Devices:** Providing stable voltage in handheld electronics. * **Hot-Plug Protections:** Protecting internal circuits when external peripherals are connected.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the US203CHL-AF5-R?
    • ⤷ Is there a direct equivalent from manufacturers like Texas Instruments or Diodes Inc?
    • ⤷ What is the typical input voltage range for this IC?