전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • USB0803C

  • AI
    The **USB0803C** is a specialized electronic component designed primarily for **Electrostatic Discharge (ESD) protection** and **EMI filtering** for high-speed data interfaces, specifically tailored for USB 2.0 and other differential data lines. --- ## 1. Device Overview The USB0803C is an integrated passive device (IPD) that combines TVS (Transient Voltage Suppressor) diodes with filter networks. Its primary goal is to protect sensitive internal circuitry (like a Microcontroller or USB Controller) from voltage spikes and electromagnetic interference. ### Key Specifications Table | Parameter | Typical Value | | :--- | :--- | | **Package Type** | SOT-23-6L (Small Outline Transistor) | | **Working Voltage ($V_{rwm}$)** | 5.0 V | | **Breakdown Voltage ($V_{br}$)** | 6.0 V (Minimum) | | **Clamping Voltage ($V_c$)** | < 12 V @ 1A | | **Input Capacitance** | < 1.0 pF (Low-cap for high speed) | | **Number of Lines** | 2 Protected Data Lines + VCC | --- ## 2. Pin Configuration The device typically features 6 pins to accommodate the differential pair (D+ and D-) of a USB port. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | I/O 1 | Connected to Data Line 1 (D+) | | 2 | GND | System Ground | | 3 | I/O 2 | Connected to Data Line 2 (D-) | | 4 | I/O 2 (Out) | Buffered output to Internal IC | | 5 | VCC | 5V Power Supply Line Protection | | 6 | I/O 1 (Out) | Buffered output to Internal IC | --- ## 3. Internal Architecture The internal structure consists of an array of steering diodes and a Zener diode: 1. **Steering Diodes:** Route positive or negative ESD pulses away from the data line toward either the VCC rail or Ground. 2. **TVS Diode:** Clamps the voltage on the VCC line to prevent over-voltage damage to the power rail. 3. **Low Capacitance Design:** Because USB 2.0 operates at 480 Mbps, high capacitance would distort the signal (rounding the square waves). The USB0803C is designed with sub-picofarad capacitance to maintain **signal integrity**. --- ## 4. Typical Applications * **USB 2.0 Ports:** Desktop/Laptop motherboards. * **Mobile Devices:** Smartphones and Tablets. * **Video Interfaces:** DVI and HDMI (where low capacitance is critical). * **Portable Storage:** External hard drives and flash drives. --- ## 5. Circuit Connection Example ```c [USB Connector] [USB0803C] [Controller/SoC] D+ ---------------- Pin 1 | Pin 6 ---------------- D+ (In) D- ---------------- Pin 3 | Pin 4 ---------------- D- (In) VCC ---------------- Pin 5 GND ---------------- Pin 2 ```
    ✨ Follow-up Questions
    • What is the maximum data rate supported by the USB0803C without signal degradation?
    • How does the USB0803C compare to a standard TVS diode array?
    • What are the soldering requirements for the SOT-23-6L package used by this part?