USB0803CSO8PC
AI

The **USB0803CSO8PC** is a specialized TVS (Transient Voltage Suppressor) diode array designed specifically for high-speed data line protection. It is commonly used to protect sensitive components from Electrostatic Discharge (ESD) and electrical overstress.
---
### ## 1. Key Technical Specifications
Below are the primary electrical characteristics of the USB0803CSO8PC:
| Parameter | Specification |
| :--- | :--- |
| **Package Type** | SO-8 (Surface Mount) |
| **Number of Protected Lines** | 2 Lines (Differential Pairs) |
| **Reverse Standoff Voltage ($V_{RWM}$)** | 3.3V |
| **Breakdown Voltage ($V_{BR}$)** | 4.0V (Minimum) |
| **Peak Pulse Current ($I_{PP}$)** | 20A (8/20µs wave) |
| **Capacitance** | Very Low (< 5pF typical) |
| **ESD Protection Level** | IEC 61000-4-2 Level 4 (±15kV Air, ±8kV Contact) |
---
### ## 2. Functional Design
The device is structured to handle high-speed signals (like USB 2.0) without distorting the data waveform.
* **Low Capacitance:** Because it has very low parasitic capacitance, it does not "slow down" the rise and fall times of high-frequency data signals.
* **Clamping Action:** When a high-voltage spike (ESD) hits the line, the device transitions from a high-impedance state to a low-impedance state, shunting the excess energy to the ground.
* **Dual-Line Protection:** It is optimized for differential pairs ($D+$ and $D-$), ensuring both lines in a USB or Ethernet interface are protected simultaneously.
---
### ## 3. Common Applications
This part is predominantly used in consumer electronics and industrial interfaces where port hot-swapping is frequent:
1. **USB 2.0 Ports:** Protecting the Data+ and Data- lines.
2. **Ethernet (10/100 Base-T):** Protecting network interface cards.
3. **DVI / HDMI Interfaces:** High-speed video data protection.
4. **Set-Top Boxes:** Protection for external peripheral ports.
---
### ## 4. Connection Diagram (General Concept)
The component is typically placed as close to the physical connector as possible to "catch" the ESD event before it travels deep into the PCB.
```text
Connector Side (USB) Protection (USB0803) Internal Chipset
[ D+ ] ----------------------- Pin 1 & 8 ----------------------- [ Controller ]
[ D- ] ----------------------- Pin 2 & 7 ----------------------- [ Controller ]
[ GND] ----------------------- Pin 4 & 5 ----------------------- [ Common GND ]
```
- ⤷
What are the pinout differences between the USB0803 and a standard TVS diode?
- ⤷ How does the 3.3V standoff voltage affect signal integrity in 5V systems?
- ⤷ Can this part be used for USB 3.0 SuperSpeed applications?