UT2301ZG-AE3-R
AI

## Overview of UT2301ZG-AE3-R
The **UT2301ZG-AE3-R** is a P-Channel enhancement mode Field Effect Transistor (MOSFET) designed by UTC (Unisonic Technologies). It is widely used in power management applications due to its low on-resistance and high-speed switching capabilities.
---
### 1. Key Technical Specifications
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -20 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±12 V |
| **Continuous Drain Current** | $I_D$ | -2.3 A |
| **Pulsed Drain Current** | $I_{DM}$ | -10 A |
| **Power Dissipation** | $P_D$ | 0.5 W |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 130 mΩ @ $V_{GS}$ = -4.5V |
| **Package Type** | SOT-23 | Surface Mount |
---
### 2. Pin Configuration (SOT-23)
The device follows the standard SOT-23 pinout:
1. **Gate (G):** Controls the state of the MOSFET (On/Off).
2. **Source (S):** The terminal where current enters (for P-Channel).
3. **Drain (D):** The terminal where current exits to the load.
---
### 3. Features and Characteristics
* **Low On-Resistance:** Reduces power loss during the "on" state, making it efficient for battery-operated devices.
* **High-Speed Switching:** Capable of operating at high frequencies.
* **Low Threshold Voltage:** Typically turns on at low gate voltages (around -0.4V to -1.0V), making it compatible with low-voltage logic circuits.
* **Green Product:** The "G" in the part number indicates it is a halogen-free/lead-free "Green" product.
---
### 4. Typical Applications
* **Power Management:** Used in DC-DC converters and load switches.
* **Battery Protection:** Ideal for mobile phones and portable electronics due to its small footprint.
* **Load Switching:** Acts as an electronic switch to turn peripheral components on or off.
---
### 5. Identification Code (Marking)
On the physical package, you will often find a shorthand marking code. For the UT2301ZG, the common marking is:
`2301G` or `S1`.
- ⤷
What are the equivalent MOSFETs for the UT2301ZG-AE3-R?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
- ⤷ What is the thermal resistance of the SOT-23 package for this part?