전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UT2304L-AE3-R

  • AI
    The **UT2304L-AE3-R** is an N-Channel enhancement mode Field Effect Transistor (MOSFET) designed by Unisonic Technologies (UTC). It is commonly used in power management applications due to its low on-resistance and high-speed switching capabilities. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Symbol | Maximum Rating | Units | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 30 | V | | Gate-Source Voltage | $V_{GSS}$ | ±20 | V | | Continuous Drain Current | $I_D$ | 3.0 | A | | Pulsed Drain Current | $I_{DM}$ | 10 | A | | Power Dissipation | $P_D$ | 0.9 | W | | On-State Resistance (Max) | $R_{DS(ON)}$ | 60 mΩ @ $V_{GS}=10V$ | mΩ | | Operating Temperature | $T_j$ | -55 ~ +150 | °C | --- ### 2. Physical Packaging and Pinout The suffix **AE3** indicates the package type, while **R** typically refers to Tape & Reel packaging. * **Package Type:** SOT-23 (Small Outline Transistor) * **Pin Configuration:** 1. **Gate (G):** Controls the conductivity between Source and Drain. 2. **Source (S):** Source of majority carriers. 3. **Drain (D):** Collector of majority carriers. --- ### 3. Features and Benefits * **Low Threshold Voltage:** Allows the transistor to be driven directly by logic-level signals (e.g., microcontrollers). * **High Power Density:** Provides high current handling capacity relative to its small SOT-23 footprint. * **Green Product:** Typically Halogen-free and RoHS compliant (indicated by the "L" in the part number). * **Fast Switching:** Minimal parasitic capacitance ensures high-frequency efficiency. --- ### 4. Typical Applications The UT2304L is ideal for small-signal switching and power management tasks, including: * **DC/DC Converters:** Used in voltage regulation modules. * **Load Switching:** Turning peripheral devices on/off in battery-powered electronics. * **Motor Control:** Small DC motor drivers for drones or toys. * **Battery Protection:** Integrated into circuits to prevent over-discharge.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UT2304L?
    • ⤷ How does the gate-source threshold voltage (VGS(th)) affect its performance in 3.3V logic circuits?
    • ⤷ What is the significance of the 'L' and 'R' suffixes in UTC part numbering?