UT2316G-AE2-R
AI

The **UT2316G-AE2-R** is an N-Channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by UTC (Unisonic Technologies Co., Ltd). It is commonly used in power management applications due to its high density and low on-resistance.
---
### 1. General Specifications
The following table summarizes the primary electrical characteristics of the UT2316G-AE2-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V |
| **Continuous Drain Current** | $I_D$ | 3.6 | A |
| **Pulsed Drain Current** | $I_{DM}$ | 10 | A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 60 (max @ 10V) | mΩ |
| **Package Type** | SOT-23-3 | - | - |
---
### 2. Key Features
* **Low On-Resistance:** Minimizes power dissipation during operation.
* **Fast Switching Speed:** Suitable for high-frequency DC-DC converters.
* **Low Gate Charge:** Allows for efficient driving by low-power control circuits.
* **Halogen-Free:** The "G" in the part number typically denotes a Green (halogen-free and RoHS compliant) product.
---
### 3. Pin Configuration (SOT-23)
The device is housed in a standard 3-pin SOT-23 package.
1. **Gate (G):** Controls the state of the MOSFET (On/Off).
2. **Source (S):** Connected to the lower potential (for N-channel).
3. **Drain (D):** Connected to the load.
---
### 4. Typical Applications
This MOSFET is designed for low-voltage, high-current switching scenarios:
* **Power Management:** Load switching in portable devices (phones, tablets).
* **DC-DC Converters:** Buck or Boost converters in computing peripherals.
* **Battery Protection:** Circuits requiring low voltage drop and efficient thermal management.
* **Motor Control:** Small DC motor drivers.
---
### 5. Ordering Information Deciphered
The suffix coding provides information about the packaging and material:
* **G:** Halogen-free and Lead-free.
* **AE2:** Refers to the SOT-23-3 package style.
* **R:** Tape and Reel packaging.
- ⤷What are the equivalent alternative MOSFETs for the UT2316G-AE2-R?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
- ⤷ What is the maximum power dissipation (Pd) for the SOT-23 package of this device?