전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UT2327-AE3-R

  • AI
    ## UT2327-AE3-R Technical Overview The **UT2327-AE3-R** is a specific N-Channel enhancement mode field-effect transistor (MOSFET) manufactured by UTC (Unisonic Technologies). It is designed for low-voltage, high-speed switching applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the UT2327-AE3-R: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 20 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±12 | V | | **Continuous Drain Current** | $I_D$ | 3.5 | A | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 52 (typ) @ $V_{GS}=4.5V$ | mΩ | | **Total Gate Charge** | $Q_g$ | 4.8 (typ) | nC | | **Package Type** | SOT-23 | - | - | --- ### 2. Functional Description The UT2327-AE3-R utilizes advanced trench technology to provide excellent $R_{DS(ON)}$ and low gate charge. #### Major Internal Components: * **N-Channel MOSFET:** The core switching element. * **Gate Oxide Layer:** Provides high input impedance. * **Trench Structure:** Increases the density of the channels to lower resistance and improve thermal efficiency. --- ### 3. Application Areas Due to its small footprint (SOT-23) and efficient switching, it is commonly found in: * **Battery Protection:** Ideal for Li-ion battery management systems. * **Power Management:** Used in DC-DC converters and load switches. * **Portable Electronics:** Logic level interfaces for smartphones and tablets. * **LED Drivers:** Small-scale current regulation. --- ### 4. Part Number Breakdown Understanding the suffix codes: | Code | Meaning | | :--- | :--- | | **UT2327** | Base Part Number (N-Channel 20V/3.5A) | | **AE3** | Package Type (SOT-23) | | **R** | Packing Style (Tape & Reel) | --- ### 5. Schematic Symbol In a circuit diagram, the part is represented as an N-Channel MOSFET: ```text Drain (D) | +-----+-----+ | | | Gate(G)---| |<--+ (Source - S) | | | +-----------+ ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UT2327-AE3-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller GPIO?
    • ⤷ What is the maximum operating temperature for this component?