전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UT3243G-P28-R

  • AI
    The **UT3243G-P28-R** is a high-speed, low-voltage RS-232 transceiver integrated circuit. It is commonly used in serial communication interfaces to bridge the gap between logic-level signals (TTL/CMOS) and the higher voltage levels required for RS-232 standards. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | RS-232 Transceiver | | **Supply Voltage (Vcc)** | 3.0V to 5.5V | | **Data Rate** | Up to 250 kbps (Min) | | **Drivers / Receivers** | 3 Drivers / 5 Receivers | | **Package Type** | TSSOP-28 | | **Operating Temp** | -40°C to +85°C | | **ESD Protection** | ±15kV (Human Body Model) | --- ### 2. Core Functional Features * **Internal Charge Pump:** It uses a dual charge pump network with four small external capacitors to generate the $\pm$5.5V required for RS-232 levels from a single 3.3V or 5V power supply. * **Auto-Shutdown Mode:** This is a power-saving feature. The device automatically enters a low-power shutdown mode (typically 1µA) when it detects that the RS-232 cable is disconnected or the connected transmitters are inactive. * **High ESD Protection:** The I/O pins are designed to withstand high electrostatic discharge, reducing the need for external protection components. * **Wide Compatibility:** It is compatible with industry standards like EIA/TIA-232 and V.28/V.24. --- ### 3. Pin Configuration Overview (TSSOP-28) The device typically utilizes a 28-pin layout. The pins are categorized into four functional groups: 1. **Power Supply & Charge Pump:** Pins for $V_{CC}$, $GND$, and the capacitor connections ($C1\pm, C2\pm, V+, V-$). 2. **Logic Inputs/Outputs:** CMOS-level signals (T1IN, R1OUT, etc.) that connect directly to a Microcontroller (MCU) or UART. 3. **RS-232 I/O:** High-voltage signals (T1OUT, R1IN, etc.) that connect to the DB9 connector. 4. **Control Pins:** Pins like `FORCEON` and `$\overline{FORCEOFF}$` used to manage the power states and auto-shutdown features. --- ### 4. Typical Application Circuit ```mermaid graph LR A[Microcontroller/UART] -- 3.3V Logic --- B(UT3243G) B -- RS-232 Levels --- C[DB9 Connector / Serial Port] D[External Capacitors x4] --- B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific capacitor values required for the charge pump at 3.3V operation?
    • ⤷ How does the 'Auto-Powerdown Plus' feature differ from standard shutdown?
    • ⤷ Is the UT3243G-P28-R pin-compatible with the MAX3243?