전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UT3409G-AL3-R

  • AI
    ## Technical Overview of UT3409G-AL3-R The **UT3409G-AL3-R** is a high-performance **P-Channel Enhancement Mode Field Effect Transistor (MOSFET)**. It is primarily designed for power management applications where low on-resistance and high-speed switching are critical. --- ### 1. Key Technical Specifications | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DS}$ | -30 | V | | Gate-Source Voltage | $V_{GS}$ | ±20 | V | | Continuous Drain Current | $I_D$ | -5.1 | A | | Pulsed Drain Current | $I_{DM}$ | -20 | A | | Static Drain-Source On-Resistance | $R_{DS(ON)}$ | 40 (at $V_{GS}=-10V$) | mΩ | | Total Gate Charge | $Q_g$ | 10 | nC | | Power Dissipation | $P_D$ | 1.4 | W | --- ### 2. Package and Part Number Breakdown The part number **UT3409G-AL3-R** follows a specific nomenclature used by manufacturers (commonly Unisonic Technologies - UTC): * **UT3409**: The basic part number for the P-Channel MOSFET. * **G**: Halogen-free and RoHS compliant material. * **AL3**: Refers to the **SOT-23** package type (small outline transistor). * **R**: Tape and Reel packaging for automated SMT (Surface Mount Technology) assembly. --- ### 3. Features and Advantages * **Low On-Resistance**: Minimizes power loss during conduction, improving overall efficiency. * **Fast Switching Speed**: Allows for high-frequency operation in DC-DC converters. * **Low Threshold Voltage**: Can be driven by low-voltage logic circuits. * **Compact SOT-23 Footprint**: Ideal for space-constrained applications like mobile phones and laptops. --- ### 4. Common Applications 1. **Power Management**: Used in load switches and battery protection circuits. 2. **DC-DC Converters**: Acts as a switching element in buck or boost regulators. 3. **Battery Powered Systems**: Low voltage drop makes it ideal for portable electronics. 4. **Load Switching**: Controls the power supply to specific peripheral components in a system. --- ### 5. Circuit Symbol and Pinout (SOT-23) In a standard SOT-23 package, the pin configuration is typically: 1. **Gate (G)**: Controls the switching of the MOSFET. 2. **Source (S)**: Connected to the positive supply in P-channel load switches. 3. **Drain (D)**: Connected to the load. ```text SOT-23 (Top View) _______ (G) | 1 3 | (D) | 2 | ------- (S) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a P-Channel and N-Channel MOSFET in a circuit?
    • ⤷ How does gate-source threshold voltage affect the switching of the UT3409G?
    • ⤷ What are the recommended thermal management practices for SOT-23 MOSFETs?