전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UT4430G-S08-R

  • AI
    ## Technical Overview: UT4430G-S08-R The **UT4430G-S08-R** is an N-Channel enhancement mode power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency switching applications, particularly in power management circuits. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the UT4430G-S08-R: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | 18 A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 5.5 mΩ (@ $V_{GS}$ = 10V) | | **Total Gate Charge** | $Q_g$ | 45 nC (typical) | | **Operating Temperature** | $T_J$ | -55 to +150 °C | --- ### 2. Package and Part Number Breakdown The suffixing in the part number provides specific information about the manufacturing and packaging: * **UT4430**: Base part number. * **G**: Halogen-free and RoHS compliant (Green product). * **S08**: SOP-8 (Small Outline Package) 8-pin package. * **R**: Tape and Reel (Packaging method for automated assembly). --- ### 3. Features and Benefits * **Low On-Resistance ($R_{DS(ON)}$):** Minimizes conduction losses, leading to higher efficiency and less heat generation. * **High Density Cell Design:** Allows for high current handling capabilities in a small footprint. * **Fast Switching Speed:** Optimized gate charge allows for high-frequency operation. * **SOP-8 Package:** Industry-standard surface mount package compatible with automated pick-and-place machines. --- ### 4. Common Applications This MOSFET is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used as a switching element for buck or boost regulators. 2. **Power Management:** Battery protection circuits and power load switches. 3. **Synchronous Rectification:** Used in high-efficiency AC-DC power supplies. 4. **Motor Control:** Driving small DC motors in consumer electronics. --- ### 5. Pin Configuration (SOP-8) In a standard SOP-8 configuration for this MOSFET: * **Pins 1, 2, 3:** Source (S) * **Pin 4:** Gate (G) * **Pins 5, 6, 7, 8:** Drain (D) ---
    ✨ Follow-up Questions
    • ⤷What are the thermal resistance values for the UT4430G in a SOP-8 package?
    • ⤷ Is there a P-Channel complementary MOSFET often used with the UT4430G?
    • ⤷ What are the recommended gate drive voltages for optimal efficiency?