전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UTD405-TN3-R

  • AI
    The **UTD405-TN3-R** is a specific electronic component, primarily manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is a complementary Power MOSFET, meaning it contains both an N-Channel and a P-Channel MOSFET within a single package. --- ### 1. Key Technical Specifications The "405" in the part number typically refers to the voltage and current handling capabilities. Below is a breakdown of its primary electrical characteristics: | Parameter | N-Channel | P-Channel | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 40V | -40V | | **Continuous Drain Current ($I_D$)** | 12A | -10A | | **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | ~30 mΩ | ~45 mΩ | | **Package Type** | TO-252-4 (DPAK) | TO-252-4 (DPAK) | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | ±20V | --- ### 2. Physical Structure and Pinout The **TN3-R** suffix refers to the packaging and shipping method: * **TN3:** Refers to the **TO-252-4** package (also known as DPAK-4). This is a surface-mount device designed for efficient heat dissipation. * **R:** Indicates **Tape and Reel** packaging for automated pick-and-place assembly. #### Internal Configuration: This device is a **Complementary Pair**. Internally, it consists of two separate transistors: 1. **N-Channel MOSFET:** High-side/Low-side switching with lower resistance. 2. **P-Channel MOSFET:** Useful for simplified high-side switching without needing a charge pump. --- ### 3. Common Applications Due to its dual-channel nature, the UTD405 is frequently used in circuits requiring alternating current paths or bridge configurations: * **Motor Drivers:** Ideal for H-Bridge circuits to control the direction of DC motors. * **DC-DC Converters:** Used in synchronous rectification or buck/boost power stages. * **Power Management:** Load switching in battery-powered devices. * **LCD Backlight Inverters:** Handling the switching required for display power. --- ### 4. Advantages and Limitations * **Efficiency:** The low $R_{DS(ON)}$ minimizes power loss through heat. * **Space Saving:** Combining two transistors into one TO-252 package saves significant PCB real estate. * **Thermal Management:** The TO-252 package has a large metal tab for soldering to the PCB, which acts as a heatsink.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UTD405-TN3-R?
    • ⤷ Can you explain the thermal resistance (RthJC) importance for this TO-252 package?
    • ⤷ How does the N-channel performance compare to the P-channel in H-bridge applications?