전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UTF3055G-AA3-R

  • AI
    The **UTF3055G-AA3-R** is a specific part number for an N-Channel Power MOSFET. It is widely used in power management and switching applications due to its efficiency and high current handling capabilities. ### 1. General Specifications The UTF3055G is designed for low-voltage, high-speed switching applications. Below are the primary technical parameters: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 60V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20V | | **Continuous Drain Current** | $I_D$ | 12A | | **Pulsed Drain Current** | $I_{DM}$ | 45A | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 100 mΩ (max) @ $V_{GS}=10V$ | | **Power Dissipation** | $P_D$ | 48W | | **Operating Temperature** | $T_J$ | -55 to +150 °C | --- ### 2. Package and Pinout The suffix **AA3** typically refers to the **SOT-223** package (a surface-mount package known for good thermal performance in a small footprint). | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Gate (G)** | Controls the turning ON/OFF of the MOSFET. | | 2 / Tab | **Drain (D)** | Connected to the load (positive supply side). | | 3 | **Source (S)** | Connected to the ground or negative side. | --- ### 3. Key Features * **Low Gate Charge:** Allows for high-speed switching and reduced power loss in the driving circuit. * **Low On-Resistance:** Minimizes heat generation during the "ON" state. * **Robustness:** High resistance to $dv/dt$ (voltage spikes) and ruggedized design. * **RoHS Compliant:** The "G" in the part number often signifies a "Green" (Halogen-free/Lead-free) component. --- ### 4. Common Applications Due to its 60V rating and 12A current capacity, it is commonly found in: 1. **DC-DC Converters:** Stepping voltage up or down in electronic devices. 2. **Motor Control:** Driving small to medium DC motors. 3. **LED Lighting Drivers:** Switching high-brightness LED arrays. 4. **Power Management:** Acting as a load switch in battery-powered systems. --- ### 5. Part Number Breakdown (Generic) While manufacturers vary slightly, the UTC (Unisonic Technologies) nomenclature usually follows this logic: * **UTF3055:** Model series (Based on the industry standard 3055 MOSFET). * **G:** Halogen-free / Green. * **AA3:** SOT-223 Package. * **R:** Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷What are the thermal considerations when using the SOT-223 version of the 3055 MOSFET?
    • ⤷ How does the UTF3055G compare to the logic-level L-series variants?
    • ⤷ What is the minimum gate threshold voltage required to trigger this MOSFET?