전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • UTM2054L-AB3-R

  • AI
    The **UTM2054L-AB3-R** is an N-Channel enhancement mode Power MOSFET, typically manufactured by UTC (Unisonic Technologies). It is designed for high-density mounting and efficient power management in compact electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 20V | Maximum voltage across drain and source | | **Gate-Source Voltage ($V_{GS}$)** | $\pm$12V | Maximum voltage applied to the gate | | **Continuous Drain Current ($I_D$)** | ~0.5A to 0.7A | Maximum steady current capacity | | **Drain-Source On-Resistance ($R_{DS(ON)}$)** | $\approx$ 0.45$\Omega$ @ 4.5V | Resistance when fully turned on | | **Package Type** | SOT-89 | Surface-mount power package | | **Configuration** | Single N-Channel | Standard 3-terminal MOSFET | ### 2. Physical Characteristics & Pinout The **AB3** suffix indicates the **SOT-89** package, which is known for its relatively low profile and a large center tab for heat dissipation. * **Pin 1 (Gate):** Controls the switching state of the MOSFET. * **Pin 2 (Drain):** Connected to the larger tab for thermal management. * **Pin 3 (Source):** Connected to the circuit ground/reference. ### 3. Core Features * **Low Threshold Voltage:** Can be triggered by low-voltage logic (suitable for 1.8V, 2.5V, or 3.3V systems). * **High Switching Speed:** Fast transition times make it ideal for high-frequency PWM applications. * **Lead-Free / RoHS Compliant:** The "R" in the suffix usually denotes Halogen Free and RoHS compliance. ### 4. Typical Applications The UTM2054L is commonly found in battery-powered or portable electronics due to its small footprint: 1. **Power Management:** Acting as a load switch in smartphones or tablets. 2. **DC-DC Converters:** Small-scale buck/boost converters. 3. **LED Driving:** Switching low-power LED arrays. 4. **Signal Switching:** High-speed logic level translation. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power dissipation (Pd) for the UTM2054L in a SOT-89 package?
    • ⤷ How does the RDS(on) change if the Gate-Source voltage is reduced to 2.5V?
    • ⤷ Are there P-Channel complementary pairs available for this MOSFET?