전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • V-0C20-R

  • AI
    The **V-0C20-R** is a specific model of an **NTC (Negative Temperature Coefficient) Thermistor**, primarily used for temperature sensing and compensation. It is characterized by its resistance value decreasing as the temperature increases. --- ### 1. Key Technical Specifications The part number typically follows a standard encoding for thermistors. Here are the general specifications for this component: | Specification | Value/Description | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Resistance at 25°C ($R_{25}$)** | 2.0 kΩ (2000 Ohms) | | **Tolerance** | ±5% to ±10% (Depending on manufacturer batch) | | **Mounting Type** | Through-hole (Radial Leads) | | **Coating** | Epoxy Resin (usually black or green) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction The "V" series usually denotes a radial-leaded disc shape. * **Sensing Element:** A ceramic semiconductor made from metal oxides (Manganese, Nickel, Cobalt). * **Leads:** Tin-plated copper wires for soldering onto a PCB. * **Encapsulation:** Epoxy resin coating provides moisture resistance and electrical insulation. --- ### 3. Functional Working Principle As an **NTC** device, the V-0C20-R operates based on the following behavior: * **Cold State:** High electrical resistance. * **Hot State:** Low electrical resistance. * **Application Logic:** A microcontroller measures the voltage drop across the thermistor. By using the **Steinhart-Hart equation** or a lookup table, the system converts the resistance value into a precise temperature reading. --- ### 4. Common Applications Due to its 2kΩ resistance and response curve, it is frequently found in: 1. **Consumer Electronics:** Battery pack monitoring to prevent overheating. 2. **HVAC Systems:** Air temperature sensing in thermostats. 3. **Automotive:** Engine coolant or intake air temperature sensing. 4. **Power Supplies:** Temperature compensation for circuits that drift when they get hot. --- ### 5. Identification Code Breakdown While naming conventions vary slightly by manufacturer (such as Semitec or Vishay), the code usually breaks down as follows: ```text V - Series (Radial Lead) 0C - Temperature/Beta characteristic curve 20 - Resistance value (20 x 10^2 = 2,000 Ω) R - Packaging/Tolerance indicator (Radial) ```
    ✨ Follow-up Questions
    • ⤷ What is the Beta value (B25/85) for this specific thermistor model?
    • ⤷ How do I calculate the temperature if I have the measured resistance value?
    • ⤷ Can this component be used for inrush current limiting?