전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • V-AD-R

  • AI
    The term **V-AD-R** typically refers to a specific naming convention used in circuit design, industrial automation (PLC/Relay logic), or a specific brand of motor controllers/converters. Most commonly, it represents the interface for **Voltage (V)**, **Analog-to-Digital (AD)** conversion, and **Regulation/Relay (R)**. Below is a breakdown of the electronic components and concepts associated with these systems. --- ### 1. Key Components of a V-AD-R System | Component Type | Function | Common Parts | | :--- | :--- | :--- | | **Voltage Input (V)** | Scales or protects incoming electrical signals. | Voltage dividers, Zener diodes, Optocouplers. | | **A/D Converter (AD)** | Translates analog voltages into binary data for microprocessors. | ADC chips (e.g., ADS1115), Microcontroller pins. | | **Regulation/Relay (R)** | Executes a physical change or stabilizes output. | Linear regulators (7805), Electromechanical relays, SSRs. | --- ### 2. Functional Electronic Blocks #### A. The Analog Input Stage (V-AD) Before a signal can be processed, it must be conditioned. * **Operational Amplifiers (Op-Amps):** Used for buffering or amplifying weak analog signals so the A/D converter can read them accurately. * **Filtering Capacitors:** Used to remove "noise" or ripples from the voltage source to prevent jitter in the digital reading. #### B. The Conversion Logic (AD) This is the "brain" of the interface. * **Resolution:** Measured in bits (e.g., 10-bit or 12-bit). Higher bits mean the system can detect smaller changes in voltage. * **Sampling Rate:** How many times per second the electronic part checks the voltage. #### C. The Output/Control Stage (R) Once the data is processed, the "R" component acts. * **Transistors/MOSFETs:** Used for fast switching of power. * **Relays:** Used when the system needs to control a high-power AC load using a low-power DC signal. --- ### 3. Typical Application Schematic Flow ```mermaid graph LR A[Sensor/Voltage Source] --> B[Signal Conditioning/Voltage Divider] B --> C[ADC Converter] C --> D[Microcontroller/CPU] D --> E[Relay/Regulator Output] ``` ### 4. Technical Specifications to Consider If you are sourcing these parts, pay attention to these parameters: 1. **Input Voltage Range:** (e.g., 0-5V, 0-10V, or 4-20mA). 2. **Isolation:** Whether the AD section is galvanically isolated from the R (Relay) section to prevent surges from destroying the logic board. 3. **Tolerance:** The precision percentage of the resistors used in the voltage sensing stage. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an analog and digital relay in this context?
    • ⤷ How do I calculate the voltage divider for a 0-10V input to a 3.3V ADC?
    • ⤷ Which microcontrollers have the best built-in AD converters?