전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VC080503C100__

  • AI
    The part number **VC080503C100** typically refers to a **Varistor** (Voltage-Dependent Resistor) produced by manufacturers like AVX (now KYOCERA AVX). These components are surface-mount devices (SMD) designed to protect circuits against low-voltage transients and Electrostatic Discharge (ESD). --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) | | **Case Size (EIA)** | 0805 (approx. 2.0mm x 1.25mm) | | **Working Voltage (DC)** | 3.3V DC | | **Working Voltage (AC)** | 2.3V AC | | **Clamping Voltage** | ~10V to 12V | | **Energy Rating** | 0.1 Joules | | **Peak Current** | 20 Amps | | **Capacitance** | 1200 pF (Typical) | --- ### 2. Part Number Breakdown While manufacturer coding can vary slightly, the standard breakdown for this series is as follows: 1. **VC**: Series prefix (Varistor Chip). 2. **0805**: The physical dimensions of the package (0.08 x 0.05 inches). 3. **03**: The Working Voltage (3.3V DC). 4. **C**: The Energy/Current rating code. 5. **100**: The Clamping Voltage/Tolerance identifier (In this case, representing the 10V range). --- ### 3. Key Features and Applications #### Features: * **Bi-Directional Protection:** Protects against spikes in both positive and negative directions. * **Fast Response Time:** Responds to transients in sub-nanosecond intervals (typically <1ns). * **Multi-Strike Capability:** Unlike a fuse, it can handle multiple surge events without needing replacement (provided ratings aren't exceeded). #### Common Applications: * **IC Protection:** Safeguarding low-voltage microprocessors and memory modules. * **I/O Ports:** Protecting USB, RS232, and sensor inputs from static electricity. * **Mobile Devices:** Used in smartphones and tablets due to the small 0805 footprint. --- ### 4. Circuit Implementation The varistor is placed in **parallel** with the component it is protecting. Under normal operating voltages, it acts as a high-impedance (open) component. When a voltage spike occurs, its resistance drops instantly, shunting the excess current to ground. ```c // Simplified Circuit Representation [Power Rail] ----+---- [Protected IC] | [MLV] <-- VC080503C100 | [Ground] --------+-------------------- ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Varistor and a TVS Diode?
    • ⤷ How do I determine if an 0805 varistor is the right size for my PCB?
    • ⤷ Can this varistor be used for high-speed data lines?