전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VCMT104T-R78MN54M

  • AI
    The **VCMT104T-R78MN54M** is a high-performance, surface-mount (SMD) power inductor typically manufactured by companies like Cyntec. It belongs to a category of molded power chokes designed for high-current applications where space and efficiency are critical. --- ### 1. Part Number Breakdown (Technical Specifications) While naming conventions can vary slightly by manufacturer, the code typically breaks down as follows: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **VCMT** | Series Code | Metal molded power inductor series. | | **104T** | Case Size | Approx. 11.5mm x 10.3mm (standard 1040 size). | | **R78** | Inductance Value | **0.78 µH** (Microhenries). | | **M** | Tolerance | ±20% Inductance tolerance. | | **N54M** | Internal Code | Specific material composition or packaging suffix. | --- ### 2. Key Electrical Characteristics This component is engineered for power conversion circuits. Its primary role is energy storage and filtering. * **Low DC Resistance (DCR):** Designed with flat wire or heavy gauge copper to minimize power loss through heat (I²R losses). * **High Saturation Current ($I_{sat}$):** The magnetic core is designed not to "saturate" (lose inductance) even when very high peaks of current pass through it. * **Magnetic Shielding:** The molded construction uses a magnetic metal powder which naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, these metal powder cores have a "soft" saturation curve, making the circuit more stable under load. --- ### 3. Application Use Cases This specific inductor (0.78µH) is commonly used in high-frequency DC-DC converters: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power supplies on motherboards or servers. 2. **Point of Load (POL) Converters:** Providing stable low-voltage rails (1.0V, 1.2V, 1.8V) from a higher input. 3. **Automotive Electronics:** Used in infotainment or ADAS systems due to its robust temperature stability. 4. **Battery Powered Devices:** High efficiency helps extend battery life by reducing heat waste. --- ### 4. Physical Construction The **VCMT** series utilizes a **Molded Core** technology: * **Core Material:** Iron powder or alloy powder mixed with resin. * **Process:** The copper coil is placed inside a mold, filled with powder, and pressed under high pressure. * **Result:** A solid, rugged block that is highly resistant to mechanical shock and acoustic noise (prevents "coil whine").
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific 0.78uH inductor?
    • ⤷ How does a molded powder inductor compare to a traditional wire-wound ferrite inductor?
    • ⤷ Are there specific soldering footprints or PCB layout recommendations for the 104T size?