전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VCXO2EV-B25.6T3

  • AI
    ## Analysis of VCXO2EV-B25.6T3 Electronic Component The **VCXO2EV-B25.6T3** is a high-precision electronic timing component. Based on the alphanumeric code, this part belongs to the category of **Voltage-Controlled Crystal Oscillators (VCXO)**, specifically optimized for telecommunications and RF synchronization. --- ### 1. Component Identification & Specifications The part number can be broken down into specific technical characteristics common to high-stability oscillators: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Voltage-Controlled Crystal Oscillator (VCXO) | | **Nominal Frequency** | **25.6 MHz** (Indicated by "25.6") | | **Output Type** | Typically CMOS or clipped sine wave (standard for EV series) | | **Supply Voltage** | Usually 3.3V or 5.0V (Standard for V-series modules) | | **Control Voltage** | Variable voltage input to fine-tune the output frequency | | **Packaging** | Surface Mount Device (SMD) | --- ### 2. Functional Description A VCXO allows the output frequency to be adjusted (pulled) by applying an external DC voltage. The **VCXO2EV-B25.6T3** serves the following internal functions: 1. **Quartz Crystal Resonator:** Provides the base 25.6 MHz reference. 2. **Varactor Diode:** Acts as a variable capacitor. When the control voltage changes, the capacitance changes, shifting the crystal's resonant frequency. 3. **Oscillator Circuitry:** Sustains the oscillation and buffers the output signal. 4. **Temperature Compensation (Often Included):** Depending on the exact sub-series, these parts often include internal compensation to maintain stability across a wide temperature range. --- ### 3. Pin Configuration (Typical) While you should always consult the specific datasheet from the manufacturer (often KDS or Epson), the standard pinout for this class of device is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **V_control** | Control voltage input to adjust frequency. | | **2** | **NC / E/D** | No connection or Output Enable/Disable. | | **3** | **GND** | Circuit ground. | | **4** | **Output** | The 25.6 MHz clock signal. | | **5** | **NC** | No connection. | | **6** | **Vcc** | Power supply voltage. | --- ### 4. Common Applications Due to the specific frequency of **25.6 MHz**, this part is frequently used in: * **Base Stations (LTE/5G):** For synchronization between the network and the hardware. * **GPS/GNSS Receivers:** As a reference clock for signal processing. * **Phase-Locked Loops (PLL):** Used as a tunable reference to lock onto a specific external signal. * **Broadcasting Equipment:** Where high-stability timing is critical to prevent signal drift. ---
    ✨ Follow-up Questions
    • ⤷ What is the frequency pulling range (ppm) for the VCXO2EV-B25.6T3?
    • ⤷ Does this component require specific soldering profiles for SMD assembly?
    • ⤷ Can you provide the exact dimensions of the SMD package for this part?