전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VCXO2EV-T20T3

  • AI
    The **VCXO2EV-T20T3** is a specific type of Voltage Controlled Crystal Oscillator (VCXO). These components are critical in circuits where a precise frequency is required but must be slightly adjustable via an external control voltage. --- ### 1. Key Technical Specifications The part number typically breaks down into the following characteristics (though specific datasheets should be consulted for brand-specific nuances): | Parameter | Specification (General/Standard) | | :--- | :--- | | **Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Output Type** | CMOS / TTL Compatible | | **Nominal Frequency** | Often 20.000 MHz (indicated by "20T") | | **Supply Voltage** | Usually 3.3V or 5.0V | | **Package Style** | Surface Mount Device (SMD) | | **Pullability Range** | Typically ±50ppm to ±100ppm | --- ### 2. Functional Components A VCXO consists of three main electronic subsections integrated into a single package: 1. **Quartz Crystal Resonator:** The heart of the component that provides a stable, high-Q reference frequency. 2. **Varactor Diode:** A voltage-variable capacitor. By changing the voltage on the "Control" pin, the capacitance changes, which "pulls" the crystal's resonant frequency slightly up or down. 3. **Oscillator Circuit & Buffer:** An internal transistor circuit that sustains oscillation and an output buffer that ensures the signal is strong enough to drive other digital components. --- ### 3. Pin Configuration (Typical) Most SMD VCXOs in this series follow a standard 4 or 6-pin layout: | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | **V_c (Control Voltage)** | The analog input used to adjust the output frequency. | | **2** | **E/D or NC** | Enable/Disable (Tri-state) or No Connection. | | **3** | **GND** | Ground connection. | | **4** | **Output** | The high-frequency clock signal output. | | **5** | **NC** | No internal connection (on 6-pin models). | | **6** | **V_dd** | Power supply input. | --- ### 4. Common Applications Because the frequency can be "tuned," these parts are used in: * **Phase-Locked Loops (PLLs):** To synchronize a local clock with an incoming data stream. * **Telecommunications:** Jitter attenuation and clock recovery in networking gear. * **Video Equipment:** Synchronizing frames and digital signals. * **Frequency Synthesizers:** Fine-tuning radio frequencies. --- ### 5. Implementation Example To use this part in a circuit, you would typically provide a filtered DC voltage to the control pin (Pin 1). ```cpp // Logic for a microcontroller-driven frequency adjustment (Pseudo-code) void adjustFrequency(float targetVoltage) { // Control voltage usually ranges from 0V to Vdd dac.setVoltage(targetVoltage); // The VCXO output frequency will shift accordingly } ```
    ✨ Follow-up Questions
    • ⤷What is the typical tuning range (pullability) for a 20MHz VCXO?
    • ⤷ How does temperature affect the stability of this specific component?
    • ⤷ What are the advantages of a VCXO over a standard Fixed Crystal Oscillator (XO)?