전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VDR10D4

  • AI
    The **VDR10D4** series refers to a specific type of **Voltage Dependent Resistor**, more commonly known as a **Metal Oxide Varistor (MOV)**. These components are primarily used for surge protection and transient voltage suppression in electronic circuits. --- ### 1. Technical Specifications The part number typically follows a standard naming convention: * **VDR/MOV:** The component type. * **10:** The diameter of the disc in millimeters (10mm). * **D:** Denotes a "Disc" shape. * **4XX:** Represents the Varistor Voltage (e.g., 471 implies $47 \times 10^1 = 470V$). | Parameter | Typical Value (General 10D series) | | :--- | :--- | | **Disc Size** | 10 mm | | **Varistor Voltage Range** | 18V to 1100V (Model dependent) | | **Maximum Surge Current** | ~2500A (8/20μs pulse) | | **Energy Absorption** | 15J to 70J | | **Capacitance** | High (pico-farads to nano-farads) | | **Response Time** | < 25 nanoseconds | --- ### 2. How it Works The VDR functions as a **non-linear resistor**. Its resistance changes based on the applied voltage: 1. **Normal Condition:** At standard operating voltages, the VDR has very high resistance, acting as an open circuit. 2. **Surge Condition:** When a high-voltage spike (like a lightning strike or inductive kickback) occurs, the resistance drops instantly. 3. **Clamping:** The VDR conducts the excess current to ground or neutral, "clamping" the voltage to a safe level to protect sensitive downstream components. --- ### 3. Key Applications VDRs are essential safety components found in almost every AC-powered device. * **Power Supplies:** Protecting the input bridge rectifier from grid fluctuations. * **Consumer Electronics:** Used in TVs, computers, and chargers. * **Telecommunications:** Protection for data lines against induced transients. * **Industrial:** Protection for motor controllers and relays. --- ### 4. Circuit Implementation The VDR is almost always placed **in parallel** with the load it is protecting. ```text [Live] -----[Fuse]-----+----- [Load] | [ VDR ] | [Neutral] -------------+----- [Load] ``` > **Note:** Because VDRs degrade after multiple surge events or a single massive surge, they are usually paired with a **fuse**. If the VDR fails (short circuits), the fuse blows, disconnecting the circuit and preventing fire hazards. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a VDR and a TVS diode?
    • ⤷ How do I select the correct voltage rating for a VDR10D series?
    • ⤷ What are the signs that a VDR has failed in a circuit?