전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VF8143GS08-R

  • AI
    The **VF8143GS08-R** is a high-performance, single-stage power factor correction (PFC) controller specifically designed for LED lighting applications. It is typically utilized in buck-boost or flyback topologies to drive LEDs with high efficiency and high power factor. --- ### ## 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Package Type** | SOP-8 (Small Outline Package) | | **Topology Support** | Buck, Buck-Boost, Flyback | | **Power Factor** | > 0.95 (Typical) | | **THD (Total Harmonic Distortion)** | < 10% | | **Startup Current** | Very Low (Micro-ampere range) | | **Protection Features** | OVP, OTP, OCP, SCP | --- ### ## 2. Functional Description The VF8143GS08-R operates by regulating the output current while simultaneously ensuring the input current follows the input voltage waveform. This achieves two main goals: 1. **Constant Current Control:** It provides a stable current to the LED string, which is critical for maintaining consistent brightness and extending the lifespan of the LEDs. 2. **Active Power Factor Correction:** It reduces the reactive power and harmonics returned to the electrical grid, meeting international standards like IEC61000-3-2. --- ### ## 3. Internal Protection Mechanisms To ensure the reliability of the electronic system, the VF8143GS08-R includes several integrated safety features: * **Over-Voltage Protection (OVP):** Prevents damage if the output load is disconnected (Open LED). * **Short-Circuit Protection (SCP):** Safely shuts down the controller if the output is shorted. * **Over-Temperature Protection (OTP):** Throttles or stops operation if the chip temperature exceeds safety limits. * **Cycle-by-Cycle Current Limiting:** Protects the external MOSFET from peak current damage. --- ### ## 4. Typical Application Circuit In a standard design, the VF8143GS08-R acts as the "brain" of the power supply. ```mermaid graph LR A[AC Input] --> B[Bridge Rectifier] B --> C[VF8143GS08-R Controller] C --> D[External MOSFET] D --> E[Transformer/Inductor] E --> F[LED Load] F --> G[Current Feedback] G --> C ``` --- ### ## 5. Design Considerations * **Thermal Management:** Since it is in an SOP-8 package, ensure the PCB copper traces act as a heat sink. * **VCC Capacitor:** Use a high-quality ceramic capacitor close to the VCC pin to filter noise. * **Sense Resistor:** The precision of the current sensing resistor directly affects the accuracy of the LED brightness.
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the SOP-8 package of this device?
    • ⤷ How does the VF8143GS08-R compare to the older VF8142 series?
    • ⤷ Can this controller be used in dimmable LED driver designs?