전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VGA7S019G-55-R16-R

  • AI
    The part number **VGA7S019G-55-R16-R** refers to a high-performance **SRAM (Static Random Access Memory)** chip. These components are typically used in high-speed networking, telecommunications, and industrial computing where low latency is critical. --- ### 1. Technical Specifications Based on standard naming conventions for this series of synchronous SRAM, here are the key technical characteristics: | Parameter | Specification | | :--- | :--- | | **Memory Type** | SRAM (Static RAM) | | **Architecture** | Synchronous (Pipelined or Flow-Through) | | **Density** | Likely 18Mb or 72Mb (depending on exact sub-series) | | **Access Time** | **5.5ns** (Indicated by the "-55" suffix) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Lead Status** | RoHS Compliant (Indicated by the "-R" suffix) | | **Voltage** | Typically 1.8V or 3.3V I/O compatible | --- ### 2. Breakdown of the Part Number Decoding the alphanumeric string helps in understanding the specific manufacturing requirements: * **VGA7S**: The manufacturer's product family prefix (often associated with high-speed CMOS memory). * **019G**: Refers to the internal density and organization (e.g., 512K x 36 or 1M x 18). * **55**: Represents the speed grade. In this case, it signifies a **5.5 nanosecond** cycle time or access time. * **R16**: Usually refers to the specific package dimensions (e.g., 165-ball FBGA). * **R**: Denotes **RoHS compliance** (Restriction of Hazardous Substances), meaning it is lead-free. --- ### 3. Key Features * **High Speed:** Designed for Zero Bus Turnaround (ZBT) or No-Wait State operations. * **Synchronous Operation:** All inputs are captured on the rising edge of the clock signal, allowing for precise timing in complex circuits. * **Byte Write Capability:** Allows the system to write to specific bytes rather than the full word, increasing efficiency. * **Low Power Consumption:** Uses CMOS technology to minimize heat dissipation during high-frequency operation. --- ### 4. Common Applications These chips are rarely found in consumer PCs; instead, they are used in: 1. **Network Switches/Routers:** For high-speed packet buffering and look-up tables. 2. **Digital Signal Processing (DSP):** As cache memory for rapid data manipulation. 3. **Test Equipment:** High-end oscilloscopes and logic analyzers. 4. **Military/Aerospace:** Due to the stability of SRAM over DRAM (no refresh cycles required).
    ✨ Follow-up Questions
    • ⤷What is the difference between this SRAM and standard DRAM?
    • ⤷ Which manufacturers typically produce the VGA7S series?
    • ⤷ Can this chip be used as a direct replacement for 10ns SRAM?