전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VLS3P080D2

  • AI
    The **VLS3P080D2** is a high-performance **Silicon Carbide (SiC) Schottky Barrier Diode (SBD)**. It is designed for high-frequency power switching applications where efficiency, thermal management, and fast recovery times are critical. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the VLS3P080D2: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 1200 | V | | **Continuous Forward Current** | $I_F$ | 8 | A | | **Forward Voltage Drop** (at 8A, 25°C) | $V_F$ | 1.45 (Typ) | V | | **Total Capacitive Charge** | $Q_c$ | 33 (Typ) | nC | | **Operating Junction Temperature** | $T_j$ | -55 to +175 | °C | | **Package Type** | - | TO-247-2 | - | --- ## 2. Core Features & Electronic Benefits ### A. Zero Reverse Recovery ($t_{rr} \approx 0$) Unlike traditional Silicon (Si) Fast Recovery Diodes, SiC Schottky diodes do not have a reverse recovery charge. * **Impact:** This eliminates switching losses and prevents electromagnetic interference (EMI) caused by recovery currents. ### B. Positive Temperature Coefficient The forward voltage ($V_F$) increases as the temperature rises. * **Impact:** This makes the part inherently stable for **parallel operation**. If one diode gets hotter, it draws less current, preventing thermal runaway. ### C. High Thermal Conductivity Silicon Carbide handles heat much better than standard Silicon. * **Impact:** Allows for smaller heatsinks and higher power density in the overall circuit design. --- ## 3. Typical Applications The VLS3P080D2 is commonly found in the following electronic systems: 1. **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage for high efficiency. 2. **Solar Inverters:** Boost diodes in MPPT (Maximum Power Point Tracking) stages. 3. **Uninterruptible Power Supplies (UPS):** High-voltage battery charging and power conversion. 4. **EV Charging Stations:** DC-DC conversion and AC-DC rectification. --- ## 4. Comparison: SiC vs. Silicon Diodes | Feature | Silicon (Si) Diode | SiC Diode (VLS3P080D2) | | :--- | :--- | :--- | | **Switching Speed** | Moderate/Slow | Ultra-Fast | | **Reverse Recovery Loss** | High | Near Zero | | **Temperature Limit** | Typically 150°C | Up to 175°C+ | | **Efficiency** | Lower (due to heat) | Higher | ---
    ✨ Follow-up Questions
    • ⤷What are the specific thermal resistance (Rthjc) values for the VLS3P080D2?
    • ⤷ How does the forward voltage drop change at 175°C compared to 25°C?
    • ⤷ What are the recommended gate driver considerations when pairing this diode with a SiC MOSFET?