전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VOS2T-R-2104

  • AI
    The **VOS2T-R-2104** is a specialized sensor belonging to the **SICK InspectorP62x** series. It is an all-in-one industrial 2D vision sensor used for high-speed automated inspection, positioning, and measurement tasks. --- ### 1. Key Electronic Components and Specifications The device integrates high-performance imaging hardware with embedded processing power to handle vision tasks without an external PC. | Component | Specification / Detail | | :--- | :--- | | **Sensor Type** | CMOS monochrome sensor (Global Shutter) | | **Resolution** | 1.3 Megapixels (1280 x 1024 px) | | **Processor** | Embedded Dual-core ARM Cortex processor | | **Illumination** | Integrated Blue/Amber/White/Red LED options (Application dependent) | | **Memory** | Internal RAM and Flash for job storage and image buffering | | **Optics** | S-mount (M12) or C-mount lens compatibility | --- ### 2. Connectivity and I/O Interface The electronic interface of the VOS2T-R-2104 is designed for seamless integration into PLC environments and industrial networks. * **Ethernet Interface:** * Supports **EtherNet/IP**, **PROFINET**, and **TCP/IP**. * Used for high-speed data transmission and device configuration via web-based software (SICK AppSpace). * **Digital I/Os:** * Configurable digital inputs (e.g., for external triggers). * Configurable digital outputs (e.g., "Pass/Fail" signals). * **Power Supply:** * Operates on **24V DC** (± 20%). * Includes reverse polarity and short-circuit protection. --- ### 3. Functional Capabilities The electronic architecture allows the sensor to perform the following "On-Device" functions: 1. **Image Pre-processing:** Real-time filtering, brightness correction, and contrast enhancement. 2. **Logic Execution:** Onboard evaluation of logic gates (AND/OR) based on inspection results. 3. **Communication Protocols:** Direct communication with robotic controllers and PLCs without intermediate gateways. 4. **Feedback Systems:** Integrated LED status indicators (Power, Link/Act, Result) for local diagnostics. --- ### 4. Technical Summary Table | Parameter | Value | | :--- | :--- | | **Connection Type** | M12, 12-pin male connector (Power/IO) / M12, 4-pin female (Ethernet) | | **Enclosure Rating** | IP65 (protected against dust and water jets) | | **Power Consumption** | Typical 3 W to 5 W (without external lighting) | | **Operating Temp** | 0 °C to +50 °C |
    ✨ Follow-up Questions
    • ⤷ How do I configure the digital I/O pins for a specific trigger event?
    • ⤷ Which software is required to program the VOS2T-R-2104?
    • ⤷ What are the lens mounting options for this specific model?