전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VP2-1600-R

  • AI
    The **VP2-1600-R** is a specific electronic component often categorized under power distribution and circuit protection, typically used in rack-mount environments or industrial power systems. --- ### 1. Component Overview The VP2-1600-R is primarily identified as a **Power Distribution Unit (PDU)** or a **Voltage Protection** module designed for high-density power management. The "-R" suffix usually denotes a **Rack-mountable** form factor. ### 2. Technical Specifications The following table summarizes the key electronic characteristics typically associated with this series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Auto-sensing) | | **Max Amperage** | 16A – 20A (Model dependent) | | **Power Capacity** | ~1600W to 2000W | | **Form Factor** | 1U Rackmount | | **Surge Protection** | Integrated MOV (Metal Oxide Varistor) | | **Response Time** | < 1 nanosecond | ### 3. Key Electronic Subsystems #### A. Power Conditioning & Filtering The unit contains EMI/RFI filtering circuits. These internal components remove high-frequency noise from the power line, which prevents interference with sensitive digital electronics connected to the unit. #### B. Circuit Protection (Breakers) Unlike a standard power strip, the VP2-1600-R utilizes professional-grade thermal magnetic circuit breakers. If the load exceeds the rated current (e.g., 16A), the internal mechanism trips to prevent heat buildup and fire hazards. #### C. Surge Suppression It features a multi-stage surge suppression architecture: * **MOVs (Metal Oxide Varistors):** Divert excess voltage to the ground. * **Thermal Fuses:** Protect the MOVs from "thermal runaway" during extreme spike events. #### D. Monitoring Logic High-end versions of the VP2 series include microcontrollers for: * **LED Status Indicators:** Showing "Protected" and "Grounded" status. * **Current Sensing:** Measuring the total draw of connected devices. --- ### 4. Common Applications * **Server Racks:** Protecting servers from power fluctuations. * **Audio/Visual (AV) Racks:** Reducing line noise for cleaner signal processing. * **Industrial Control:** Ensuring stable power for PLC (Programmable Logic Controller) systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the VP2-1600-R and the standard VP1 series?
    • ⤷ How do I replace the internal fuses if the unit trips?
    • ⤷ Does this model support remote IP monitoring for power consumption?