VR1-5B-R/
AI

The **VR1-5B-R** is a specific electronic component primarily identified as a **Metal Oxide Varistor (MOV)** manufactured by companies like Eaton (formerly Cooper Bussmann). It is designed to protect electronic circuits from voltage surges and transients.
---
### 1. Fundamental Specifications
The VR1-5B-R belongs to a category of overvoltage protection devices. Below are its core technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Package / Case** | 0805 (Surface Mount Device) |
| **Working Voltage (DC)** | 5.6 VDC |
| **Working Voltage (AC)** | 4.0 VAC (RMS) |
| **Clamping Voltage** | ~15.5 V |
| **Peak Surge Current** | 40 A (8/20 µs pulse) |
| **Capacitance** | High (~450 pF to 750 pF) |
---
### 2. How it Functions
The VR1-5B-R acts as a "voltage-sensitive resistor." Its behavior can be summarized in two states:
1. **Normal State (High Impedance):** When the circuit voltage is below 5.6V, the varistor acts like an open circuit, allowing the signal to pass through the main line unaffected.
2. **Surge State (Low Impedance):** If a voltage spike (like Static Electricity or Inductive Switching) exceeds the threshold, the device’s resistance drops instantly. This shunts the excess current to the ground, protecting sensitive ICs downstream.
---
### 3. Key Applications
Because of its small 0805 footprint and low voltage rating, this part is commonly used in:
* **Handheld Electronics:** Cell phones and tablets.
* **Data Ports:** Protecting low-voltage I/O lines.
* **Computer Peripherals:** USB ports and motherboards.
* **Automotive Electronics:** Protection for low-voltage sensor signals.
---
### 4. Circuit Diagram Representation
In a schematic, a varistor is typically placed in parallel with the load it is protecting.
```mermaid
graph LR
Input --> A[+]
A --- Varistor[VR1-5B-R]
Varistor --- B[GND]
A --> IC[Sensitive Chip]
IC --- B
```
---
- ⤷
What is the difference between this MOV and a TVS diode?
- ⤷ Can the VR1-5B-R handle continuous overvoltage
- ⤷ or only short pulses?
- ⤷ How does the 0805 package size affect its thermal performance?