전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VR1-DK-R/

  • AI
    The part number **VR1-DK-R** typically refers to a **Voltage Regulator** or a specific **Transient Voltage Suppressor (TVS) component**, commonly associated with manufacturers like **Kyocera AVX** or specialized power management suppliers. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The "VR" series generally belongs to the **Varistor** family (specifically Metal Oxide Varistors or Multi-Layer Varistors), designed to protect circuits against overvoltage transients. | Feature | Specification | | :--- | :--- | | **Component Type** | Varistor (MLV - Multi-Layer Varistor) | | **Series** | VR Series | | **Clamping Voltage** | Varies (Typically 10V - 50V depending on sub-model) | | **Mounting Type** | Surface Mount (SMD) | | **Packaging** | Tape & Reel (Indicated by the **-R** suffix) | | **Standard Case Size** | Often 0603 or 0805 | --- ### 2. Functional Breakdown of the Part Number The alphanumeric code provides specific information about the component's construction: * **VR1**: Series designation, usually indicating the physical size and base energy handling capacity. * **DK**: This suffix often refers to the **Disc or Dielectric constant** and the tolerance/material composition. In many catalogs, "DK" implies a specific voltage rating or temperature coefficient. * **-R**: Indicates **RoHS Compliance** and/or **Tape & Reel** packaging for automated pick-and-place assembly. --- ### 3. Key Electronic Functions The VR1-DK-R serves three primary roles in an electronic circuit: 1. **ESD Protection**: It protects sensitive integrated circuits (ICs) from Electrostatic Discharge (ESD) coming from human touch or environmental static. 2. **Transient Suppression**: It "clamps" high-voltage spikes caused by inductive load switching or external interference, diverting the excess current to the ground. 3. **Bi-directional Protection**: Since it is a varistor, it provides protection for both positive and negative voltage swings, unlike a standard diode which is unidirectional. --- ### 4. Common Applications This part is frequently found in high-density electronic assemblies where space is limited: * **Mobile Devices**: Protecting charging ports and data lines. * **Industrial Controls**: Shielding sensor inputs from electromagnetic interference (EMI). * **Automotive Electronics**: Basic surge protection for infotainment and low-voltage bus lines. * **Computer Peripherals**: USB port protection and Motherboard I/O shielding. --- ### 5. Circuit Implementation In a schematic, the VR1-DK-R is placed **in parallel** with the line it is protecting. ```spice [Input Line] ---------+---------- [Protected IC] | [VR1] <-- Shunts spike to ground | [Ground] -------------+---------- [Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current rating for the VR1-DK-R?
    • ⤷ Can this part be used in high-speed data lines like HDMI or USB 3.0?
    • ⤷ What are the primary differences between this Varistor and a TVS Diode?