전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VS-16TTS...FP-M3

  • AI
    The **VS-16TTS12FP-M3** is a high-performance Phase Control Thyristor (SCR) manufactured by Vishay. It is specifically designed for medium-power switching and phase control applications where high reliability and electrical isolation are required. --- ### 1. Technical Specifications The following table summarizes the key electrical and thermal characteristics of the device: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Max. RMS On-State Current** | $I_{T(RMS)}$ | 16 | Amperes | | **Max. Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 1200 | Volts | | **Max. Peak One-Cycle Non-Repetitive Surge** | $I_{TSM}$ | 200 | Amperes | | **Max. Operating Junction Temperature** | $T_J$ | -40 to +125 | °C | | **Gate Trigger Current** | $I_{GT}$ | 2 to 60 | mA | | **Package Type** | --- | TO-220 FullPAK | --- | --- ### 2. Key Features and Component Breakdown The part number **VS-16TTS12FP-M3** can be decoded to understand its construction: * **16**: Represents the average current rating (approximately 16A RMS). * **TTS**: Indicates it is a "Standard Recovery" Thyristor (SCR) designed for phase control. * **12**: Represents the voltage rating ($12 \times 100 = 1200V$). * **FP**: Stands for **FullPAK**. This is a TO-220 package that is fully encapsulated in plastic, providing internal electrical isolation from the heatsink. * **-M3**: Signifies that the part is "Halogen-free" and meets modern environmental RoHS standards. --- ### 3. Functional Applications This electronic part is typically used in circuits that require the controlled rectification of AC power. Common applications include: 1. **Motor Control:** Adjusting the speed of AC motors by controlling the phase angle of the input power. 2. **Soft Starters:** Gradually increasing voltage to heavy loads to prevent current spikes. 3. **Battery Chargers:** Regulating high-voltage charging currents. 4. **Heating Control:** Precise temperature regulation in industrial ovens or furnaces. --- ### 4. Circuit Symbol and Terminals The device has three terminals: * **Anode (A):** The positive terminal where current enters. * **Cathode (K):** The negative terminal where current exits. * **Gate (G):** The control terminal used to "fire" (turn on) the device. ```mermaid graph LR A[Anode] --- S((SCR)) S --- K[Cathode] G[Gate] -.-> S ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'FP' (FullPAK) version and the standard TO-220 version?
    • ⤷ How do you calculate the required heatsink size for this SCR at 10A?
    • ⤷ Can this device be used for DC-to-DC switching applications?